Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF4012 Datasheet (PDF) - Guerrilla RF, Inc.

GRF4012 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF4012
Download  GRF4012 Download
File Size   1823.59 Kbytes
Page   17 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description LOW NOISE GAIN BLOCK 0.4 to 4.2 GHz

GRF4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF4012 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF4012
Download  GRF4012 Click to download

File Size   1823.59 Kbytes
Page   17 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description LOW NOISE GAIN BLOCK 0.4 to 4.2 GHz

GRF4012 Datasheet (HTML) - Guerrilla RF, Inc.


GRF4012 Product details

FEATURES
Flexible Bias Voltage and Current
Process: GaAs pHEMT
Compact 1.5 x 1.5 mm DFN-6 Package
Reference: 5 V / 2332.5 MHz / 50 mA
Gain: 17.8 dB
OIP3: 33 dBm
OP1dB: 22.5 dBm
Evaluation Board Noise Figure: 0.9 dB

APPLICATIONS
SDARS Stage 2 LNA
Cellular Repeaters
Automotive Cellular Compensators
General Purpose Linear LNA




Similar Part No. - GRF4012

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF4012W GUERRILLA-GRF4012W Datasheet
1Mb / 17P
LOW NOISE GAIN BLOCK 0.4 to 4.2 GHz
March 24, 2023
More results


Similar Description - GRF4012

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C045 HITTITE-HMC-C045 Datasheet
293Kb / 6P
LOW NOISE AMPLIFIER MODULE, 1.8 - 4.2 GHz
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
0.4-3.0 GHz Low Noise Amplifier
logo
Guerrilla RF, Inc.
GRF2105 GUERRILLA-GRF2105 Datasheet
889Kb / 13P
Enhanced Gain Flatness LNA 0.4 to 5.0 GHz
GRF2106 GUERRILLA-GRF2106 Datasheet
828Kb / 13P
High Gain, Low Current LNA Tuning Range: 0.1 to 4.2 GHz
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
9/2020-Revision 0
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
RFCA8830 QORVO-RFCA8830 Datasheet
1Mb / 17P
High Linearity, Low Noise, 19dB Gain Block
logo
Guerrilla RF, Inc.
GRF4012W GUERRILLA-GRF4012W Datasheet
1Mb / 17P
LOW NOISE GAIN BLOCK 0.4 to 4.2 GHz
March 24, 2023
GRF2105W GUERRILLA-GRF2105W Datasheet
1Mb / 18P
ENHANCED GAIN FLATNESS LNA 0.4 to 5 GHz
February 21, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com