Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143ZQB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA143ZQB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA143ZQB
Download  PDTA143ZQB Download
File Size   362.29 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP resistor-equipped transistors

PDTA143ZQB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA143ZQB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA143ZQB
Download  PDTA143ZQB Click to download

File Size   362.29 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP resistor-equipped transistors

PDTA143ZQB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA143ZQB Product details

Features and benefits
• 100 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint




Similar Part No. - PDTA143ZQB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143ZQB NEXPERIA-PDTA143ZQB Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143ZQB NEXPERIA-PDTA143ZQB Datasheet
362Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143ZQB NEXPERIA-PDTA143ZQB Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143ZQB-Q NEXPERIA-PDTA143ZQB-Q Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143ZQB-Q NEXPERIA-PDTA143ZQB-Q Datasheet
363Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
More results


Similar Description - PDTA143ZQB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143EQA NEXPERIA-PDTA143EQA Datasheet
2Mb / 21P
50 V, 100 mA PNP resistor-equipped transistors
PDTA143EQB-Q_SER NEXPERIA-PDTA143EQB-Q_SER Datasheet
332Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143EQC-Q_SER NEXPERIA-PDTA143EQC-Q_SER Datasheet
335Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143XQB-Q_SER NEXPERIA-PDTA143XQB-Q_SER Datasheet
363Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143XQC-Q_SER NEXPERIA-PDTA143XQC-Q_SER Datasheet
365Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 September 2021
PDTA143EQA_SER NEXPERIA-PDTA143EQA_SER Datasheet
2Mb / 21P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 18 December 2015
PDTA143EQB_SER NEXPERIA-PDTA143EQB_SER Datasheet
331Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 28 September 2021
PDTA143EQC_SER NEXPERIA-PDTA143EQC_SER Datasheet
335Kb / 18P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTA143XQA_SER NEXPERIA-PDTA143XQA_SER Datasheet
2Mb / 22P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTA143XQC_SER NEXPERIA-PDTA143XQC_SER Datasheet
365Kb / 20P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com