Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73148SEH Datasheet (PDF) - Renesas Technology Corp

ISL73148SEH Datasheet PDF - Renesas Technology Corp
Part # ISL73148SEH
Download  ISL73148SEH Download
File Size   2047.73 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC

ISL73148SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73148SEH Datasheet PDF - Renesas Technology Corp

Part # ISL73148SEH
Download  ISL73148SEH Click to download

File Size   2047.73 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC

ISL73148SEH Datasheet (HTML) - Renesas Technology Corp


ISL73148SEH Product details

Features
▪ 8 Buffered analog input channels with multiplexer
▪ Bypassable PGA with selectable gain (1 ≤ G ≤ 16)
▪ Pseudo-differential bipolar and unipolar operation
▪ Channel scan sequencer
▪ Full throughput rate with no data latency
▪ Excellent linearity: ±0.5 LSB DNL, ±1.5 LSB INL
▪ Low noise: 83dBFS (PGA bypassed), 77dBFS
SNR (PGA Gain = 2)
▪ 5V AVCC supply and 2.5V/3.3V DVCC supply
▪ Analog input impedance: >1GΩ, 3pF
▪ Wide 50MHz -3dB input bandwidth
▪ Low power mode operation at lower sample rates
▪ High speed SPI-compatible serial I/O
▪ Full military temperature range operation
• TA = -55°C to +125°C
▪ Radiation acceptance testing
• LDR (0.01rad(Si)/s): 75krad(Si)
▪ SEE hardness (see SEE report for details)
• No SEB/SEL LETTH (AVCC = 6.4V):
86MeV•cm2/mg
• No SEFIs at LET 86MeV•cm2/mg
▪ Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI Flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V




Similar Part No. - ISL73148SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73148SEH RENESAS-ISL73148SEH Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
May 30, 2025
ISL73148SEHEV1Z RENESAS-ISL73148SEHEV1Z Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
May 30, 2025
ISL73148SEHF RENESAS-ISL73148SEHF Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
May 30, 2025
ISL73148SEHMF RENESAS-ISL73148SEHMF Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
May 30, 2025
ISL73148SEH RENESAS-ISL73148SEH_V01 Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
May 30, 2025
More results


Similar Description - ISL73148SEH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com