Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78224 Datasheet (PDF) - Renesas Technology Corp

ISL78224 Datasheet PDF - Renesas Technology Corp
Part # ISL78224
Download  ISL78224 Download
File Size   8429.03 Kbytes
Page   147 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Phase 12V/48V Bidirectional Synchronous PWM Controller

ISL78224 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78224 Datasheet PDF - Renesas Technology Corp

Part # ISL78224
Download  ISL78224 Click to download

File Size   8429.03 Kbytes
Page   147 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Phase 12V/48V Bidirectional Synchronous PWM Controller

ISL78224 Datasheet (HTML) - Renesas Technology Corp


ISL78224 Product details

Features
• 4-phase bidirectional synchronous 12V to
48V controller
• Master/slave architecture supports up to 4 ICs in parallel
• Voltage and current regulation
• Phase dropping facilitated with companion FET driver
• 2% current monitor gain accuracy from 0 to full load
• Supply and clock redundancy for functional safety
• Cycle-by-cycle peak current limiting
• Cycle-by-cycle negative current limiting
• Digitally programmable average current limit
• Analog and/or digital control of output voltage
• PMBus for status monitoring and fault response control
• Selectable phase dropping and diode emulation for
light-load efficiency improvement
• Comprehensive protection with selectable hiccup or
latch-off fault responses
• Digitally programmable warning and fault thresholds
• Dual-output Flyback controller
• 200mA adjustable output linear regulator
• 10mmx10mm 64 Ld TQFP with exposed pad thermal
interface
• AEC-Q100 Grade 1




Similar Part No. - ISL78224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
ISL78220 INTERSIL-ISL78220 Datasheet
782Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
logo
Renesas Technology Corp
ISL78220ANEZ RENESAS-ISL78220ANEZ Datasheet
1Mb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
More results


Similar Description - ISL78224

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Intersil Corporation
ISL78226 INTERSIL-ISL78226 Datasheet
1Mb / 94P
6-Phase 12V/48V Bidirectional Synchronous PWM Controller
November 7, 2016
logo
Renesas Technology Corp
ISL78226 RENESAS-ISL78226 Datasheet
5Mb / 121P
6-Phase 12V/48V Bidirectional Synchronous PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301F EXCELLIANCE-EM5301F Datasheet
487Kb / 12P
12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com