Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78227 Datasheet (PDF) - Renesas Technology Corp

ISL78227 Datasheet PDF - Renesas Technology Corp
Part # ISL78227
Download  ISL78227 Download
File Size   4989.13 Kbytes
Page   45 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Phase Boost Controller with Integrated Drivers

ISL78227 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78227 Datasheet PDF - Renesas Technology Corp

Part # ISL78227
Download  ISL78227 Click to download

File Size   4989.13 Kbytes
Page   45 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Phase Boost Controller with Integrated Drivers

ISL78227 Datasheet (HTML) - Renesas Technology Corp


ISL78227 Product details

Features
• Input/output voltage range: 5V to 55V, withstands 60V
transients
• Supports synchronous or standard boost topology
• Peak current mode control with adjustable slope
compensation
• Secondary average current control loop
• Integrated 5V 2A sourcing/3A sinking N-channel MOSFET
drivers
• Switching frequency: 50kHz to 1.1MHz per phase
• External synchronization
• Programmable minimum duty cycle
• Programmable adaptive dead time control
• Optional diode emulation and phase dropping
• PWM and analog track function
• Forced PWM operation with negative current limiting and
protection
• Comprehensive fault protections
• Selectable hiccup or latch-off fault response
• AEC-Q100 qualified, Grade 1: -40°C to +125°C
• 5mmx5mm 32 Ld Wettable Flank QFN (WFQFN) package




Similar Part No. - ISL78227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Renesas Technology Corp
ISL78227 RENESAS-ISL78227 Datasheet
5Mb / 44P
2-Phase Boost Controller with Integrated Drivers
Feb 28, 2025
ISL78227 RENESAS-ISL78227 Datasheet
3Mb / 72P
2-Phase Boost Controller with Drivers and I2C/PMBus
Jul 13, 2018
logo
Intersil Corporation
ISL78227ARZ INTERSIL-ISL78227ARZ Datasheet
1Mb / 43P
2-Phase Boost Controller with Integrated Drivers
February 24, 2016
ISL78227ARZ INTERSIL-ISL78227ARZ Datasheet
1Mb / 71P
2-Phase Boost Controller with Drivers and I2C/PMBus
February 12, 2016
More results


Similar Description - ISL78227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A Datasheet
303Kb / 14P
Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
logo
Texas Instruments
LM3754 TI-LM3754_15 Datasheet
1Mb / 47P
Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
2-Phase Boost Controller with Integrated Drivers
February 24, 2016
ISL78229 INTERSIL-ISL78229 Datasheet
1Mb / 71P
2-Phase Boost Controller with Drivers and I2C/PMBus
February 12, 2016
logo
Richtek Technology Corp...
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
2-Phase Controller with Dual Integrated Drivers
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
2-Phase Boost Controller with Drivers and I2C/PMBus
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com