Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78264 Datasheet (PDF) - Renesas Technology Corp

ISL78264 Datasheet PDF - Renesas Technology Corp
Part # ISL78264
Download  ISL78264 Download
File Size   2047.47 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Dual Synchronous Buck Controller with Integrated Drivers

ISL78264 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78264 Datasheet PDF - Renesas Technology Corp

Part # ISL78264
Download  ISL78264 Click to download

File Size   2047.47 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Dual Synchronous Buck Controller with Integrated Drivers

ISL78264 Datasheet (HTML) - Renesas Technology Corp


ISL78264 Product details

Features
• VIN operating range: 3.75V to 42V
• Low quiescent current: 6μA typical, one channel
• Switching frequency: 200kHz to 2.2MHz
• Dropout mode for high duty-cycle operation
• 25ns on-times for low duty-cycle operation
• External synchronization
• Programmable spread spectrum clocking
• 180° phase shift between channels
• 2A Sourcing/3A sinking MOSFET drivers
• Boot UVLO and programmable boot refresh time
• Extensive protection mechanisms for
OV/UV/OC/OT




Similar Part No. - ISL78264

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78264 RENESAS-ISL78264 Datasheet
1Mb / 38P
Automotive 42V Dual Synchronous Boost and Low-Iq Buck Controllers with Integrated Drivers
Oct 22, 2021
More results


Similar Description - ISL78264

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Intersil Corporation
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
April 7, 2009
ISL8126 INTERSIL-ISL8126 Datasheet
1Mb / 39P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
September 7, 2011
logo
Texas Instruments
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Intersil Corporation
ISL8120CRZ INTERSIL-ISL8120CRZ Datasheet
1Mb / 38P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
February 9, 2015
logo
Texas Instruments
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Intersil Corporation
ISL8120IR INTERSIL-ISL8120IR Datasheet
988Kb / 33P
Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com