Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81401 Datasheet (PDF) - Renesas Technology Corp

ISL81401 Datasheet PDF - Renesas Technology Corp
Part # ISL81401
Download  ISL81401 Download
File Size   3480.14 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V 4-Switch Synchronous Buck-Boost Controller

ISL81401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL81401 Datasheet PDF - Renesas Technology Corp

Part # ISL81401
Download  ISL81401 Click to download

File Size   3480.14 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V 4-Switch Synchronous Buck-Boost Controller

ISL81401 Datasheet (HTML) - Renesas Technology Corp


ISL81401 Product details

Features
• Single inductor 4-switch buck-boost controller
• On-the-fly bidirectional operation with independent
control of voltage and current on both ends
• Proprietary algorithm for smoothest mode transition
•MOSFET drivers with adaptive shoot-through
protection
•Wide input voltage range: 4.5V to 40V
•Wide output voltage range: 0.8V to 40V
• Supports pre-biased output with SR soft-start
• Programmable frequency: 100kHz to 600kHz
• Supports parallel operation current sharing with
cascade phase interleaving
• External sync with clock out or frequency dithering
• External bias for higher efficiency supports 5V - 36V
input
• Output and input current monitor
• Selectable PWM mode operation between
PWM/DE/Burst modes
• Accurate EN/UVLO and PGOOD indicator
• Low shut down current: 2.7μA
• Complete protection: OCP, SCP, OVP, OTP, and UVP
• Dual-level OCP protection with average current
and pulse-by-pulse peak current limit
• Selectable OCP response with either hiccup or
constant current mode
• Negative pulse-by-pulse peak current limit




Similar Part No. - ISL81401

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Mar 8, 2024
ISL81401A RENESAS-ISL81401A Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Mar 8, 2024
More results


Similar Description - ISL81401

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com