Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81805 Datasheet (PDF) - Renesas Technology Corp

ISL81805 Datasheet PDF - Renesas Technology Corp
Part # ISL81805
Download  ISL81805 Download
File Size   1464.86 Kbytes
Page   45 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V Dual Synchronous Boost Controller

ISL81805 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL81805 Datasheet PDF - Renesas Technology Corp

Part # ISL81805
Download  ISL81805 Click to download

File Size   1464.86 Kbytes
Page   45 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V Dual Synchronous Boost Controller

ISL81805 Datasheet (HTML) - Renesas Technology Corp


ISL81805 Product details

Features
▪ Wide input voltage range: 4.5V to 80V
▪ Wide output voltage range: 5V to 80V
▪ Four MOSFET drivers with adaptive shoot-through
protection
▪ Constant output voltage and output current
feedback loop control
▪ Light-load efficiency enhancement
• Low ripple diode emulation and burst mode
operation
▪ Programmable soft-start
▪ Supports startup into pre-biased rails
▪ Programmable frequency: 100kHz to 1MHz
▪ Support current sharing with cascade phase
interleaving
▪ External clock sync
▪ Clock out with accurate phase angle controlled by
PLL or frequency dithering
▪ PGOOD indicator
▪ Input current monitor
▪ Selectable mode between PWM/DE/Burst
▪ Accurate EN/UVLO threshold: ±2%
▪ Low shutdown current: 5μA
▪ Complete protection: OCP (pulse-by-pulse and
optional hiccup or constant current mode), OVP,
OTP, and UVP




Similar Part No. - ISL81805

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Mar 8, 2024
ISL81801EVAL1Z RENESAS-ISL81801EVAL1Z Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
ISL81801EVAL1Z RENESAS-ISL81801EVAL1Z Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Mar 8, 2024
ISL81801EVAL2Z RENESAS-ISL81801EVAL2Z Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results


Similar Description - ISL81805

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
2-Phase, Dual Output Synchronous Boost Controller
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1_15 Datasheet
1Mb / 43P
Single-Boost, Dual Synchronous-Buck Controller
logo
Shenzhen Huazhimei Semi...
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
SYNCHRONOUS BOOST CONTROLLER
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
ISL81802 RENESAS-ISL81802 Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81807 RENESAS-ISL81807 Datasheet
1,006Kb / 41P
80V Dual Synchronous Boost Controller Optimized to Drive E-mode GaN FET
Mar 22, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com