Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL90843UIU1027Z Datasheet (PDF) - Renesas Technology Corp

ISL90843UIU1027Z Datasheet PDF - Renesas Technology Corp
Part # ISL90843UIU1027Z
Download  ISL90843UIU1027Z Download
File Size   1252.97 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Digital Controlled Potentiometers (XDCP™)

ISL90843UIU1027Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL90843UIU1027Z Datasheet PDF - Renesas Technology Corp

Part # ISL90843UIU1027Z
Download  ISL90843UIU1027Z Click to download

File Size   1252.97 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Digital Controlled Potentiometers (XDCP™)

ISL90843UIU1027Z Datasheet (HTML) - Renesas Technology Corp


ISL90843UIU1027Z Product details

Features
• Four potentiometers in one package
• 256 resistor taps–0.4% resolution
• I2C serial interface
- Two address pins allow up to four devices/bus
• Wiper resistance: 70 typical @ 3.3V
• Standby current <5μA max
• Power supply: 2.7V to 5.5V
• 10k or 50k total resistance
• 10 Ld MSOP package
• Pb-free plus anneal product (RoHS compliant)




Similar Part No. - ISL90843UIU1027Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90843UIU1027Z INTERSIL-ISL90843UIU1027Z Datasheet
750Kb / 10P
Quad Digital Controlled Potentiometers (XDCP??
March 29, 2006
More results


Similar Description - ISL90843UIU1027Z

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
Quad Digitally Controlled Potentiometers (XDCP)
X9258 XICOR-X9258 Datasheet
413Kb / 22P
Quad Digital Controlled Potentiometers (XDCP)
X9400 XICOR-X9400 Datasheet
150Kb / 22P
Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
Quad Digitally Controlled Potentiometers (XDCP)
November 14, 2006
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP??
February 8, 2006
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
Quad Digital Controlled Potentiometers (XDCP??
March 29, 2006
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
Quad Digital Controlled Potentiometers(XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
Quad Digitally Controlled (XDCP?? Potentiometers
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com