Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL91302B Datasheet (PDF) - Renesas Technology Corp

ISL91302B Datasheet PDF - Renesas Technology Corp
Part # ISL91302B
Download  ISL91302B Download
File Size   3151.13 Kbytes
Page   80 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual/Single Output Power Management IC

ISL91302B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91302B Datasheet PDF - Renesas Technology Corp

Part # ISL91302B
Download  ISL91302B Click to download

File Size   3151.13 Kbytes
Page   80 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual/Single Output Power Management IC

ISL91302B Datasheet (HTML) - Renesas Technology Corp


ISL91302B Product details

Features
• Dual output 3+1 or 2+2, or single output 4-phase
• 2.5V to 5.5V supply voltage
• 5A per phase output current capability
• Small solution size
• High efficiency (94.7% peak for 3.8V VIN, 1.8V
VOUT, L = 470nH)
• Low IQ in low power mode
• Proprietary control scheme reduces the output
capacitor and supports fast load transients (such as
50A/μs per phase)
• Voltage, current, and temperature telemetry through
integrated ADC plus auxiliary inputs
• ±0.7% system accuracy with remote voltage sensing
• OTP programmable PWM frequency from 2MHz to
6MHz
• I2C and SPI programmable output from 0.3V to 2.0V
• Independent Dynamic Voltage Scaling (DVS) for
each output
• Soft-start and fault detection (UV, OV, OC, OT),
short-circuit protection
• 2.551mmx 3.670mm 54 ball WLCSP with 0.4mm pin
pitch
Applications




Similar Part No. - ISL91302B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91302B RENESAS-ISL91302B Datasheet
2Mb / 52P
Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
ISL91302B RENESAS-ISL91302B Datasheet
3Mb / 57P
Triple/Quad Output PMIC with SPI/I2C Interface
Mar 5, 2020
ISL91302BIIK22-EVZ RENESAS-ISL91302BIIK22-EVZ Datasheet
1Mb / 62P
Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
ISL91302BIIK31-EVZ RENESAS-ISL91302BIIK31-EVZ Datasheet
1Mb / 62P
Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
ISL91302BIIK40-EVZ RENESAS-ISL91302BIIK40-EVZ Datasheet
1Mb / 62P
Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
More results


Similar Description - ISL91302B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Renesas Technology Corp
ISL91211A RENESAS-ISL91211A Datasheet
201Kb / 2P
Triple/Quad Output Power Management IC
ISL91301A RENESAS-ISL91301A Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com