Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3S1B2LP Datasheet (PDF) - Diodes Incorporated

D3V3S1B2LP Datasheet PDF - Diodes Incorporated
Part # D3V3S1B2LP
Download  D3V3S1B2LP Download
File Size   314.86 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SURGE BIDIRECTIONAL TVS DIODE

D3V3S1B2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D3V3S1B2LP Datasheet PDF - Diodes Incorporated

Part # D3V3S1B2LP
Download  D3V3S1B2LP Click to download

File Size   314.86 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SURGE BIDIRECTIONAL TVS DIODE

D3V3S1B2LP Datasheet (HTML) - Diodes Incorporated


D3V3S1B2LP Product details

Features
 Low Profile Package (0.53mm Max) and Ultra-Small PCB Footprint
Area (1.08mm x 0.68mm Max) Suitable for Compact Portable
Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 One Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - D3V3S1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3S1U2LP1610 DIODES-D3V3S1U2LP1610 Datasheet
278Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
December 2018 Rev. 2 - 2
D3V3S1U2LP1610-7 DIODES-D3V3S1U2LP1610-7 Datasheet
278Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
December 2018 Rev. 2 - 2
D3V3S1U2LP1610Q DIODES-D3V3S1U2LP1610Q Datasheet
404Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
August 2022 Rev. 2 - 2
D3V3S1U2LP1610Q-7 DIODES-D3V3S1U2LP1610Q-7 Datasheet
404Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
August 2022 Rev. 2 - 2
More results


Similar Description - D3V3S1B2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3L2B3LP10 DIODES-D3V3L2B3LP10 Datasheet
493Kb / 6P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M2B3LP10 DIODES-D5V0M2B3LP10 Datasheet
133Kb / 4P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M5B6LP16 DIODES-D5V0M5B6LP16 Datasheet
292Kb / 5P
5 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0H1B2LP DIODES-D5V0H1B2LP Datasheet
338Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D3V3H1B2LP DIODES-D3V3H1B2LP Datasheet
309Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0M2B3LP DIODES-D5V0M2B3LP Datasheet
281Kb / 4P
2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 2
logo
Alpha & Omega Semicondu...
AOZ8S502BDS-03 AOSMD-AOZ8S502BDS-03 Datasheet
295Kb / 5P
1-Channel Bidirectional High-Surge TVS
Rev. 1.0 August 2020
AOZ8S530BLS-05 AOSMD-AOZ8S530BLS-05 Datasheet
425Kb / 5P
1-Channel Bidirectional High Surge TVS
Rev. 1.1 March 2022
logo
Diodes Incorporated
D3V3H1B2LPQ DIODES-D3V3H1B2LPQ Datasheet
334Kb / 4P
HIGH SURGE BIDIRECTIONAL TVS DIODE
June 2020 Rev. 1 - 2
D5V0H1B2LPQ DIODES-D5V0H1B2LPQ Datasheet
420Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
December 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com