Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CG-PD110C2 Datasheet (PDF) - Coolgear Inc.

CG-PD110C2 Datasheet PDF - Coolgear Inc.
Part # CG-PD110C2
Download  CG-PD110C2 Download
File Size   485.17 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port

CG-PD110C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CG-PD110C2 Datasheet PDF - Coolgear Inc.

Part # CG-PD110C2
Download  CG-PD110C2 Click to download

File Size   485.17 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port

CG-PD110C2 Datasheet (HTML) - Coolgear Inc.


CG-PD110C2 Product details

Features
-Allows for a total of 110W of total output. (one 45w, one 65w)
-Over voltage, under voltage, output over current, short circuit
protection and ESD Surge protection of 4kV
-Supports QC2.0/ QC3.0/ QC3+ protocol
-"65W:5V/3A ,9V/3A, 12V/3A, 15V/3A, 20V/3.25A | 45W: 5V/3A
,9V/3A, 12V/3A, 15V/3A, 20V/2.25A"




Similar Part No. - CG-PD110C2

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-PD100C COOLGEAR-CG-PD100C Datasheet
460Kb / 2P
ChargeIT! Mini 100W USB Type C PD Charger
Rev 05.230310
CG-PD140EPR COOLGEAR-CG-PD140EPR Datasheet
419Kb / 1P
ChargeIT! Mini 140W USB Type-C PD Charger w/ EPR Support
3/3/23
More results


Similar Description - CG-PD110C2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Tripp Lite. All Rights ...
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
logo
Coolgear Inc.
CG-4PUC160W COOLGEAR-CG-4PUC160W Datasheet
779Kb / 2P
USB PD Type C 4 Port High Power 160W Charger
Rev 01.200715
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Coolgear Inc.
CG-PD60PPS COOLGEAR-CG-PD60PPS_V01 Datasheet
1Mb / 2P
Chargeit! Mini 75W Dual Port USB-A & USB-C PD Charger w/ PPS & QC4.0 Support
Rev 05.220908
CG-PD100C COOLGEAR-CG-PD100C Datasheet
460Kb / 2P
ChargeIT! Mini 100W USB Type C PD Charger
Rev 05.230310
CG-PD140EPR COOLGEAR-CG-PD140EPR Datasheet
419Kb / 1P
ChargeIT! Mini 140W USB Type-C PD Charger w/ EPR Support
3/3/23
CG-PD200MAX COOLGEAR-CG-PD200MAX Datasheet
1Mb / 2P
ChargeIt! Mini 200W Dual Type-C PD Charger 100W output each port 24V Input
Rev 05.230320
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com