Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3319 Datasheet (PDF) - Bourns Electronic Solutions

3319 Datasheet PDF - Bourns Electronic Solutions
Part # 3319
Download  3319 Download
File Size   109.93 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 9 mm Round Trimming Potentiometer

3319 Datasheet (PDF)

Go To PDF Page Download Datasheet
3319 Datasheet PDF - Bourns Electronic Solutions

Part # 3319
Download  3319 Click to download

File Size   109.93 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 9 mm Round Trimming Potentiometer

3319 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 3319

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
188Kb / 1P
9 mm Round Trimpot Trimming Potentiometer
logo
Heyco.
3319 HEYCO-3319 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3319 ADAFRUIT-3319 Datasheet
203Kb / 1P
Panel Mount Stereo Audio Extension Cable - 1/8" / 3.5mm
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
Automotive High-Side TMOS Driver
logo
Aptiv
33198617 APTIV-33198617 Datasheet
185Kb / 2P
OCS 1.2 UNSEALED SERIES
More results


Similar Description - 3319

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
Round Trimming Potentiometer
3306-6 BOURNS-3306-6 Datasheet
88Kb / 1P
Round Trimming Potentiometer
3329 BOURNS-3329 Datasheet
144Kb / 2P
1/4 Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3306 SUNTAN-TSR-3306 Datasheet
739Kb / 1P
Round Trimming Potentiometer - 3306 6mm
logo
Bourns Electronic Solut...
3309 BOURNS-3309_1 Datasheet
95Kb / 1P
3309 - 9 mm Round Trimming Potentiometer
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
Round Trimpot Trimming Potentiometer
3306 BOURNS-3306 Datasheet
140Kb / 1P
6 mm Round Trimpot Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
9 mm Round Trimpot Trimming Potentiometer
RJ50FP103 BOURNS-RJ50FP103 Datasheet
125Kb / 1P
Round Trimpot Trimming Potentiometer
logo
Suntan Capacitors
TSR-3306 SUNTAN-TSR-3306_17 Datasheet
719Kb / 1P
Round Trimming Potentiometer ??3306 6mm
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com