Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A76 Datasheet (PDF) - Energizer

A76 Datasheet PDF - Energizer
Part # A76
Download  A76 Download
File Size   58.19 Kbytes
Page   1 Pages
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer
Description 1.5 Volts 2.3 grams (0.08 oz.) 0.50 cubic centimeters (0.03 cubic inch)

A76 Datasheet (PDF)

Go To PDF Page Download Datasheet
A76 Datasheet PDF - Energizer

Part # A76
Download  A76 Click to download

File Size   58.19 Kbytes
Page   1 Pages
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer
Description 1.5 Volts 2.3 grams (0.08 oz.) 0.50 cubic centimeters (0.03 cubic inch)

A76 Datasheet (HTML) - Energizer


A76 Product details

ENERGIZER NO. A76

Chemical System: Manganese Dioxide (Mn02)
Designation: ANSI / NEDA-1166A, IEC - LR48
Battery Voltage: 1.5 Volts
Average Weight: 2.3 grams (0.08 oz.)
Volume: 0.50 cubic centimeters (0.03 cubic inch)
Average Capacity: 150 mAh to 0.9 volts (Rated at 7.5k ohms continuous at 21ºC)




Similar Part No. - A76

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A76 MACOM-A76 Datasheet
111Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76 MACOM-A76 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A76 MA-COM-A76 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A76 MA-COM-A76 Datasheet
646Kb / 3P
Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
More results


Similar Description - A76

ManufacturerPart #DatasheetDescription
logo
Energizer
CR1220 ENERGIZER-CR1220 Datasheet
57Kb / 1P
3.0 Volts 0.76 grams (0.03 oz.) 0.25 cubic centimeters (0.02 cubic inch)
CR1620 ENERGIZER-CR1620 Datasheet
49Kb / 1P
3.0 Volts 1.4 grams (0.05 oz.) 0.4 cubic centimeters (0.02 cubic inch)
CR2016 ENERGIZER-CR2016 Datasheet
100Kb / 2P
3.0 Volts 1.9 grams (0.07 oz.) 0.5 cubic centimeters (0.03 cubic inch)
CR2320 ENERGIZER-CR2320 Datasheet
64Kb / 1P
3.0 Volts 3.3 grams (0.10 oz.) 0.83 cubic centimeters (0.05 cubic inch)
CR2430 ENERGIZER-CR2430 Datasheet
71Kb / 1P
3.0 Volts 4.6 grams (0.16 oz.) 1.3 cubic centimeters (0.08 cubic inch)
E90 ENERGIZER-E90 Datasheet
139Kb / 2P
1.5 Volts 9.0 grams (0.3 oz.) 3.3 cubic centimeters (0.2 cubic inch)
EL223 ENERGIZER-EL223 Datasheet
62Kb / 1P
6.0 Volts 37.0 grams (1.3 oz.) 23.8 cubic centimeters (1.4 cubic inch)
ELCRV3 ENERGIZER-ELCRV3 Datasheet
97Kb / 1P
3.0 Volts 32 grams (1.1 oz.) 24 cubic centimeters (1.5 cubic inch)
EN91 ENERGIZER-EN91 Datasheet
146Kb / 2P
1.5 Volts 23.0 grams (0.8 oz.) 8.1 cubic centimeters (0.5 cubic inch)
L91 ENERGIZER-L91 Datasheet
91Kb / 2P
1.5 Volts 14.5 grams (0.5 oz.) 8.0 cubic centimeters (0.5 cubic inch)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com