Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B81130-C1154 Datasheet (PDF) - EPCOS

B81130-C1154 Datasheet PDF - EPCOS
Part # B81130-C1154
Download  B81130-C1154 Download
File Size   133.38 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description EMI Suppression Capacitors

B81130-C1154 Datasheet (PDF)

Go To PDF Page Download Datasheet
B81130-C1154 Datasheet PDF - EPCOS

Part # B81130-C1154
Download  B81130-C1154 Click to download

File Size   133.38 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description EMI Suppression Capacitors

B81130-C1154 Datasheet (HTML) - EPCOS


B81130-C1154 Product details

X2 capacitors with very small dimensions Rated ac voltage 275 V, 50/60 Hz



Features

■Very small dimensions

■Self-healing properties



Construction

■Dielectric: polypropylene (MKP)

■Plastic case (UL 94 V-0)

■Epoxy resin sealing, flame-retardant

■Impregnated



Terminals

■Parallel wire leads, tinned

■Two standard lead lengths available: 6 mm und 26 mm

Other lead lengths available upon request.




Similar Part No. - B81130-C1154

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130A1104+ EPCOS-B81130A1104+ Datasheet
164Kb / 6P
EMI suppression capacitors (MKP) X2 / 275 VAC
B81130A1104000 EPCOS-B81130A1104000 Datasheet
331Kb / 6P
EMI Suppression Capacitors (MKP)
B81130A1104189 EPCOS-B81130A1104189 Datasheet
331Kb / 6P
EMI Suppression Capacitors (MKP)
B81130A1104289 EPCOS-B81130A1104289 Datasheet
331Kb / 6P
EMI Suppression Capacitors (MKP)
B81130A1105+ EPCOS-B81130A1105+ Datasheet
164Kb / 6P
EMI suppression capacitors (MKP) X2 / 275 VAC
More results


Similar Description - B81130-C1154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
EMI Suppression Capacitors
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
EMI Suppression Capacitors
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
EMI Suppression Capacitors
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
EMI Suppression Capacitors (MKP)
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
EMI Suppression Capacitors
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
Film Capacitors EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
EMI Suppression Capacitors
B32932 TDK-B32932 Datasheet
572Kb / 19P
EMI Suppression Capacitors
March 2019
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com