Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD8227 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD8227 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD8227
Download  YD8227 Download
File Size   130.52 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description LOW FREQUENCY POWER AMPLIFIER

YD8227 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD8227 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD8227
Download  YD8227 Click to download

File Size   130.52 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description LOW FREQUENCY POWER AMPLIFIER

YD8227 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD8227 Product details

DESCRIPTION

The YD8227P is the audio power amplifier with built-in two channels developed for portable radio cassette tape recorder with power ON/OFF switch.



FUNCTIONS

*Wide operating supply voltage: Vcc=5~12V;

*Low quiescent supply current (ICC=21mA, typical,at Vcc=9V, Vi=0);

*Output power:   Po=2.50W/CH at Vcc=9V, RL=4Ω, f=1kHz, THD=10%;

*Soft clip;

*Built-in Thermal shut-down protection circuit;

*Stand-by switch.




Similar Part No. - YD8227

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
1.2W AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
More results


Similar Description - YD8227

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
Low frequency power amplifier
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8229 UTC-TA8229 Datasheet
180Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1182 FAIRCHILD-KSA1182 Datasheet
58Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
UA8229 UTC-UA8229_10 Datasheet
269Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com