Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet (PDF) - Texas Instruments

DAC39RF10 Datasheet PDF - Texas Instruments
Part # DAC39RF10
Download  DAC39RF10 Download
File Size   10467.66 Kbytes
Page   178 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface

DAC39RF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC39RF10 Datasheet PDF - Texas Instruments

Part # DAC39RF10
Download  DAC39RF10 Click to download

File Size   10467.66 Kbytes
Page   178 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface

DAC39RF10 Datasheet (HTML) - Texas Instruments


DAC39RF10 Product details

1 Features
• 16-bit, 10.24-GSPS, Multi-Nyquist DAC core
• Maximum input data rate:
– 8-bit, Single channel, DES mode: 20.48 GSPS
– 12-bit, Single channel, DES mode: 15.5 GSPS
– 16-bit, Single channel: 10.24 GSPS
– 8-bit, Dual channel, 10.24 GSPS
– 12-bit, Dual channel: 7.75 GSPS/ch
– 16-bit, Dual channel: 6.2 GSPS/ch
• Output bandwidth (-3 dB): 12 GHz
• Performance at fOUT = 2.997 GHz, DES2X mode
– Noise floor (small signal): –166 dBFS/Hz
– SFDR (-0.1 dBFS) : –67 dBc
– IMD3 (-7 dBFS each tone) : –70 dBc
– Additive phase noise, 10 kHz offset: -137
dBc/Hz
• Four Integrated Digital Up-Converters (DUC)
– Interpolation: 1x, 2x, 3x, 4x, 6x, 8x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real upconversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• Fast reconfiguration interface for fast frequency
hopping
– 4-bit data with 100 MHz clock
– 160ns reconfiguration (32-bit frequency and 16-
bit phase)
– Any frequency hopping with phase coherence
• JESD204C Interface
– Up to 16 Lanes at up to 12.8 Gbps
– Class C-S, Subclass-1 Compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration

2 Applications
• Satellite communications (SATCOM)
• Phased array antenna systems
• Synthetic aperture radar (SAR) exciter
• Wireless communications testers
• Arbitrary waveform generator (AWG)

3 Description
The DAC39RF10 is a family of single and dual
channel digital-to-analog converter (DAC) with 16-bit
resolution. The devices can be used as single channel
or dual channel non-interpolation DACs. The device
can also be used as interpolating DACs in either
direct RF sampling mode or baseband mode. The
maximum input data rate is 20.48 GSPS in single
channel mode or 10.24 Gsps in dual channel mode
or baseband mode. The device can generate signals
of up to 10, 7.5, and 5 GHz signal bandwidth (8,
12, and 16-bit input resolution) at carrier frequencies
exceeding 8 GHz enabling direct sampling through
C-band and into X-band.
The high sampling rate, output frequency
range, 64-bit NCO frequency resolution and any
frequency hopping with phase coherence also
makes DAC39RF10 capable of arbitrary waveform
generation (AWG) and direct digital synthesis (DDS).
A JESD204B and JESD204C compatible serial
interface has 16 receiver pairs capable of up to 12.8
Gbps. The interface is JESD204B and JESD204C
subclass-1 compliant for deterministic latency and
multi-device synchronization through the use of
SYSREF.




Similar Part No. - DAC39RF10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 226P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MARCH 2024
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 213P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
MARCH 2024
More results


Similar Description - DAC39RF10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9207 AD-AD9207 Datasheet
252Kb / 5P
12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10EF TI1-DAC39RF10EF Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF12 TI1-DAC39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com