Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8845 Datasheet (PDF) - Texas Instruments

DRV8845 Datasheet PDF - Texas Instruments
Part # DRV8845
Download  DRV8845 Download
File Size   1417.42 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune

DRV8845 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8845 Datasheet PDF - Texas Instruments

Part # DRV8845
Download  DRV8845 Click to download

File Size   1417.42 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune

DRV8845 Datasheet (HTML) - Texas Instruments


DRV8845 Product details

1 Features
• Dual stepper motor driver
– STEP/DIR interface
– Up to 1/256 microstepping indexer
• 4.5 to 38-V Operating supply voltage range
• 900 mΩ HS + LS RDS(ON) at 24 V, 25°C
• 1.5 A full-scale, 1.1 A rms current per H-bridge
• Integrated current sense functionality
– No sense resistors required
– ±5% full-scale current accuracy
• Smart tune decay technology
• Configurable off-time PWM chopping in Smart tune
– 8-μs, 16-μs, or 32-μs
• Supports 1.8-V, 3.3-V, 5.0-V logic inputs
• Low-current sleep mode (1.3 μA)
• Protection features for each Stepper
– VM undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)

2 Applications
• IP Network Camera
• Printers and scanners
• ATM and money handling machines
• Sewing machines
• Medical Imaging, Diagnostics and Equipment
• 3D Printer

3 Description
The DRV8849 is a dual stepper motor driver for
industrial and consumer applications. The device is
fully integrated with four N-channel power MOSFET
H-bridge drivers, one microstepping indexer for
each stepper, and integrated current sensing. The
DRV8849 is capable of driving up to 1.5-A full-scale
output current (dependent on PCB design).
The DRV8849 uses an internal current sense
architecture to eliminate the need for four external
power sense resistors, saving PCB area and system
cost. The device uses an internal PWM current
regulation scheme with smart tune decay mode.
Smart tune automatically adjusts for desired current
regulation, compensates for motor variation and aging
effects and reduces audible noise and vibration from
the motor.
Simple STEP/DIR interfaces allow an external
controller to manage the direction and step rate of
the stepper motors. The device can be configured
in full-step to 1/256 microstepping. A low-power
sleep mode is provided using a dedicated nSLEEP
pin. Protection features are provided for supply
undervoltage, charge pump faults, overcurrent, short
circuits, and overtemperature. Fault conditions are
indicated by one nFAULT pin for each stepper.




Similar Part No. - DRV8845

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8845 TI-DRV8845 Datasheet
1Mb / 30P
DRV8845: 38 V, 1.5 A Quad H-Bridge Motor Driver with Smart Tune Technology
MAY 2023
DRV8845RHHR TI-DRV8845RHHR Datasheet
1Mb / 30P
DRV8845: 38 V, 1.5 A Quad H-Bridge Motor Driver with Smart Tune Technology
MAY 2023
More results


Similar Description - DRV8845

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
1.5-A Stepper Motor Driver With Integrated Current Sense
DRV8436 TI1-DRV8436 Datasheet
1Mb / 40P
Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune Technology
DRV8899-Q1 TI1-DRV8899-Q1 Datasheet
707Kb / 54P
DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
DRV8424 TI1-DRV8424 Datasheet
2Mb / 51P
DRV8424/25 Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8426 TI1-DRV8426 Datasheet
2Mb / 49P
DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8428 TI1-DRV8428 Datasheet
1Mb / 53P
DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434 TI-DRV8434 Datasheet
4Mb / 56P
DRV8434 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
DRV8434E TI-DRV8434E Datasheet
3Mb / 48P
DRV8434E/P Dual H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com