Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA817 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA817 Datasheet PDF - Texas Instruments
Part # OPA817
Download  OPA817 Download
File Size   1767.29 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier

OPA817 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA817 Datasheet PDF - Texas Instruments

Part # OPA817
Download  OPA817 Click to download

File Size   1767.29 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier

OPA817 Datasheet (HTML) - Texas Instruments


OPA817 Product details

1 Features
• Wide bandwidth:
– Gain-bandwidth product: 250 MHz
– Bandwidth (G = 1 V/V): 600 MHz
– Large-signal bandwidth (2 VPP): 200 MHz
– Slew rate: 750 V/μs
• High precision:
– Input offset voltage: 250 μV (maximum)
– Input offset voltage drift: 3.5 μV/°C (maximum)
• Input voltage noise: 5.3 nV/√Hz
• Input bias current: 2 pA
• Low distortion (RL = 100 Ω, VO = 2 VPP):
– HD2, HD3 at 10 MHz: –75 dBc, –85 dBc
• Supply range: 6 V to 12.6 V
• Supply current: 16 mA
• Performance upgrade to OPA656

2 Applications
• High-speed data acquisition (DAQ)
• Active probes
• Oscilloscopes
• Optical communication modules
• Test and measurement front-ends
• Medical and chemical analyzers
• Optical time-domain reflectometry (OTDR)

3 Description
The OPA814 is a unity-gain stable, voltage-feedback
operational amplifier for high-speed, high-precision,
and wide-dynamic-range applications.
The OPA814 has a low-noise junction gate field-effect
transistor (JFET) input stage that features a wide gain
bandwidth of 250 MHz and a supply range from 6 V to
12.6 V. The fast slew rate of 750 V/μs allows a wide
large-signal bandwidth and low distortion when used
as high impedance buffer in high-speed digitizers,
active probes, and other test and measurement
applications.
The OPA814 offers extremely low input offset
voltage of ±250 μV and offset voltage drift of
±3.5-μV/°C. The combination of picoamperes of
input bias current and low input voltage noise
(5.3 nV/√Hz) makes the OPA814 an excellent
wideband transimpedance amplifier in optical test and
communication equipment, as well as medical and
scientific instrumentation.
The OPA814 is available in an 8-pin SOIC package.
This device is specified to operate over the industrial
temperature range of –40°C to +85°C.




Similar Part No. - OPA817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA817 TI-OPA817 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
OPA817 TI-OPA817 Datasheet
2Mb / 30P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED DECEMBER 2022
OPA817 TI1-OPA817 Datasheet
1Mb / 34P
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED NOVEMBER 2023
OPA817DTKR TI-OPA817DTKR Datasheet
2Mb / 30P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED DECEMBER 2022
OPA817 TI-OPA817_V01 Datasheet
2Mb / 30P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED DECEMBER 2022
More results


Similar Description - OPA817

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA817 TI-OPA817 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
OPA817 TI-OPA817_V01 Datasheet
2Mb / 30P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED DECEMBER 2022
OPA814 TI1-OPA814_V01 Datasheet
1Mb / 34P
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com