Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP4718 Datasheet (PDF) - Texas Instruments

TMP4718 Datasheet PDF - Texas Instruments
Part # TMP4718
Download  TMP4718 Download
File Size   1367.15 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds

TMP4718 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP4718 Datasheet PDF - Texas Instruments

Part # TMP4718
Download  TMP4718 Click to download

File Size   1367.15 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds

TMP4718 Datasheet (HTML) - Texas Instruments


TMP4718 Product details

1 Features
• Supply range: 3 V to 5.5 V
• Wide operating range: –40°C to 125°C
• Remote channel accuracy: 1°C
– Resolution: 0.125°C
• Local channel accuracy: 1°C
– Resolution: 1°C
• Support I2C and SMBus interface
• Low power consumption
• Remote diode fault detection
• Programmable digital filter
• Series resistance cancellation
• Programmable ALERT and T_CRIT limits
– Fault queue for debounce
• Adjustable default power-up limits (high
temperature) for ALERT and T_CRIT
• 1.2-V logic compatible input thresholds
independent of supply

2 Applications
• Standard notebook PC
• Rack server motherboard
• Smart network interface card (NIC)
• Small cell base station
• Baseband unit (BBU)
• Software defined radio
• FPGA Temperature Monitoring

3 Description
The TMP4718 is a high accuracy 1°C temperature
sensor with one local integrated sensor and a remote
temperature sensor input that can be connected to
a diode-connected transistor, such as the popular
MMBT3904 NPN transistor, to replace traditional
thermistors or thermocouples. The remote input
can also be connected to a substrate thermal
transistor or diode integrated inside microprocessors,
microcontrollers, or FPGAs to monitor the die
temperature of the IC.
The TMP4718 supports I2C and SMBus
communication, with 1.2-V logic compatible inputs
that support 0.8-V thresholds regardless of the main
supply. The TMP4718 includes the Series Resistance
Cancellation feature to automatically eliminate
temperature errors caused by series resistance of
up to 1 kΩ, allowing for greater flexibility routing
to thermal diodes. The programmable offset feature
allows the device to report adjusted offset-adjusted
temperature data based on pre-calibrated data in
specific user environments. Measurements can be
done automatically with programmable conversion
period, or with one-shot conversion triggered by an
I2C command.
The TMP4718A and TMP4718B offer the same
function but different SMBus or I2C device addresses.
This allows the system to support more than two
sensors on the same bus.




Similar Part No. - TMP4718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP4719 TI2-TMP4719 Datasheet
1Mb / 57P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
OCTOBER 2025
TMP4719 TI2-TMP4719 Datasheet
1Mb / 59P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
TMP4719 TI2-TMP4719 Datasheet
1Mb / 63P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
TMP4719 TI2-TMP4719 Datasheet
1Mb / 60P
TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
DECEMBER 2025
TMP4719 TI2-TMP4719 Datasheet
1Mb / 63P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
More results


Similar Description - TMP4718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com