Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV9361 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9361 Datasheet PDF - Texas Instruments
Part # TLV9361
Download  TLV9361 Download
File Size   2311.08 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems

TLV9361 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9361 Datasheet PDF - Texas Instruments

Part # TLV9361
Download  TLV9361 Click to download

File Size   2311.08 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems

TLV9361 Datasheet (HTML) - Texas Instruments


TLV9361 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C
– Human-body model (HBM) Electrostatic
discharge (ESD) classification level: 2A
– Charged-device model (CDM) ESD
classification level: C6
• Low offset voltage: ±400 μV
• Low offset voltage drift: ±1.25 μV/°C
• Low noise: 8.5 nV/√Hz at 1 kHz, 6 nV/√Hz
broadband
• High common-mode rejection: 110 dB
• Low bias current: ±10 pA
• Rail-to-rail output
• Wide bandwidth: 10.6-MHz GBW, unity-gain stable
• High slew rate: 25 V/μs
• Low quiescent current: 2.6 mA per amplifier
• Wide supply: ±2.25 V to ±20 V, 4.5 V to 40 V
• Robust EMIRR performance

2 Applications
• Automotive head unit
• Digital cockpit processing unit
• Telematics control unit
• Emergency call (eCall)
• Automotive active noise cancellation
• Automotive external amplifier

3 Description
The TLV936x-Q1 family (TLV9361-Q1, TLV9362-
Q1, and TLV9364-Q1) is a family of AEC-Q100
automotive qualified, 40-V cost-optimized operational
amplifiers.
These devices offer strong DC and AC specifications,
including rail-to-rail output, low input voltage noise
density (6 nV/√Hz), low offset (±400 μV, typ),
low offset drift (±1.25 μV/°C, typ), and 10.6-MHz
bandwidth.
Features such as EMIRR filtering, high output current
(±60 mA), and high slew rate (25 V/μs) make the
TLV936x-Q1 a robust operational amplifier for highvoltage,
cost-sensitive applications.
The TLV936x-Q1 family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9361 TI-TLV9361 Datasheet
3Mb / 54P
TLV936x 10-MHz, 40-V, RRO, Operational Amplifier for Cost-Sensitive Systems
DECEMBER 2021
TLV9361 TI-TLV9361 Datasheet
2Mb / 41P
TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
REVISED MAY 2023
TLV9361 TI-TLV9361 Datasheet
2Mb / 46P
TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
MAY 2023
TLV9361 TI1-TLV9361 Datasheet
2Mb / 47P
TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
REVISED MAY 2023
TLV9361 TI-TLV9361 Datasheet
2Mb / 54P
TLV936x-Q1 Automotive, 10MHz, 40V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
AUGUST 2024
More results


Similar Description - TLV9361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6001 TI1-TLV6001 Datasheet
2Mb / 36P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001 TI1-TLV6001_16 Datasheet
2Mb / 37P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1 Datasheet
1Mb / 26P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV6001-Q1 TI1-TLV6001-Q1_18 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA607 TI-OPA607_V03 Datasheet
2Mb / 45P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
OPA607 TI-OPA607_V04 Datasheet
3Mb / 48P
OPAx607 50-MHz, Low-Power, Rail-to-Rail Output CMOS Operational Amplifier for Cost Sensitive Systems
TLV9361 TI-TLV9361 Datasheet
3Mb / 54P
TLV936x 10-MHz, 40-V, RRO, Operational Amplifier for Cost-Sensitive Systems
DECEMBER 2021
TLV9361-Q1 TI-TLV9361-Q1 Datasheet
2Mb / 41P
TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
REVISED MAY 2023
TLV9361-Q1 TI-TLV9361-Q1_V02 Datasheet
2Mb / 46P
TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
MAY 2023
TLV9361-Q1 TI1-TLV9361-Q1_V03 Datasheet
2Mb / 47P
TLV936x-Q1 Automotive, 10-MHz, 40-V, Rail-to-Rail Output, Operational Amplifier for Cost-Sensitive Systems
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com