Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM75G5T65B Datasheet (PDF) - MacMic

MM75G5T65B Datasheet PDF - MacMic
Part # MM75G5T65B
Download  MM75G5T65B Download
File Size   762.82 Kbytes
Page   7 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 650V 75A IGBT

MM75G5T65B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM75G5T65B Datasheet PDF - MacMic

Part # MM75G5T65B
Download  MM75G5T65B Click to download

File Size   762.82 Kbytes
Page   7 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 650V 75A IGBT

MM75G5T65B Datasheet (HTML) - MacMic


MM75G5T65B Product details

PRODUCT FEATURES
□ 650V IGBT chip in trench FS-technology
□ Low switching losses
□ VCE(sat) with positive temperature coefficient
□ Fast switching and short tail current
□ Free wheeling diodes with fast and soft reverse recovery




Similar Part No. - MM75G5T65B

ManufacturerPart #DatasheetDescription
logo
MacMic
MM75G5U120BM MACMIC-MM75G5U120BM Datasheet
320Kb / 7P
1200V 75A IGBT
September 2022 Version 01
MM75G5U65BKX MACMIC-MM75G5U65BKX Datasheet
733Kb / 7P
650V 75A IGBT
March 2022 Version 01
MM75G5U65BX MACMIC-MM75G5U65BX Datasheet
313Kb / 7P
650V 75A IGBT
September 2021 Version 02
More results


Similar Description - MM75G5T65B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
650V, 75A Field Stop Trench IGBT
logo
Renesas Technology Corp
RJP65S05DWT RENESAS-RJP65S05DWT Datasheet
63Kb / 4P
650V - 75A - IGBT Application: Inverter
RJP65S05DWT RENESAS-RJP65S05DWT_15 Datasheet
65Kb / 4P
650V - 75A - IGBT Application: Inverter
RBN75H65T1FPQ-A0 RENESAS-RBN75H65T1FPQ-A0 Datasheet
309Kb / 5P
650V - 75A - IGBT
logo
Rohm
RGSX5TS65E ROHM-RGSX5TS65E Datasheet
5Mb / 13P
650V 75A Field Stop Trench IGBT
logo
MacMic
MM75G3T65B MACMIC-MM75G3T65B Datasheet
650Kb / 5P
650V 75A IGBT
logo
Rohm
RGWX5TS65D ROHM-RGWX5TS65D Datasheet
1Mb / 12P
650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
logo
Renesas Technology Corp
RJP65M05DWA RENESAS-RJP65M05DWA Datasheet
161Kb / 4P
650V - 75A - IGBT Application: Inverter
Nov. 06, 2015
logo
MacMic
MM75G5U65BKX MACMIC-MM75G5U65BKX Datasheet
733Kb / 7P
650V 75A IGBT
March 2022 Version 01
MM75G5U65BX MACMIC-MM75G5U65BX Datasheet
313Kb / 7P
650V 75A IGBT
September 2021 Version 02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com