Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMV100EPA Datasheet (PDF) - Nexperia B.V. All rights reserved

PMV100EPA Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMV100EPA
Download  PMV100EPA Download
File Size   280.55 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, P-channel Trench MOSFET

PMV100EPA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV100EPA Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMV100EPA
Download  PMV100EPA Click to download

File Size   280.55 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, P-channel Trench MOSFET

PMV100EPA Datasheet (HTML) - Nexperia B.V. All rights reserved


PMV100EPA Product details

1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23 (TO-236AB)
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

2. Features and benefits
• Logic-level compatible
• Extended temperature range Tj = 175 °C
• Trench MOSFET technology
• Very fast switching
• AEC-Q101 qualified

3. Applications
• Relay driver
• High-speed line driver
• High-side load switch
• Switching circuits




Similar Part No. - PMV100EPA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV100ENEA NEXPERIA-PMV100ENEA Datasheet
723Kb / 16P
30 V, N-channel Trench MOSFET
More results


Similar Description - PMV100EPA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
P-Channel 60-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
BUK6Y33-60P NEXPERIA-BUK6Y33-60P Datasheet
247Kb / 13P
60 V, P-channel Trench MOSFET
21 January 2021
BUK6Y61-60P NEXPERIA-BUK6Y61-60P Datasheet
252Kb / 13P
60 V, P-channel Trench MOSFET
16 March 2020
PMN100EPA NEXPERIA-PMN100EPA Datasheet
287Kb / 15P
60 V, P-channel Trench MOSFET
16 April 2020
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
60 V, N-channel Trench MOSFET
8 April 2021
BUK6D120-60P NEXPERIA-BUK6D120-60P Datasheet
322Kb / 15P
60 V, P-channel Trench MOSFET
3 April 2018
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
60 V, N-channel Trench MOSFET
13 May 2019
PSMP033-60YE NEXPERIA-PSMP033-60YE Datasheet
274Kb / 15P
60 V, P-channel Trench MOSFET
13 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com