Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8348 Datasheet (PDF) - Belden Inc.

8348 Datasheet PDF - Belden Inc.
Part # 8348
Download  8348 Download
File Size   219.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232, Low Cap, #24-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG

8348 Datasheet (PDF)

Go To PDF Page Download Datasheet
8348 Datasheet PDF - Belden Inc.

Part # 8348
Download  8348 Click to download

File Size   219.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232, Low Cap, #24-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG

8348 Datasheet (HTML) - Belden Inc.


8348 Product details

Product Description
Computer EIA RS-232 Cable, 18-Pair, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), PVC jacket.




Similar Part No. - 8348

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
8348 V-COIL-8348 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
VAT Group AG
83481-R1 VAT-83481-R1 Datasheet
723Kb / 19P
Control Gate Valve
2013-08-27
logo
Ulti-Mate Connector Inc
834818655 ULTI-MATE-834818655 Datasheet
150Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, "BR" SERIES, BR09S05-26E6-18.0
3/10/20
834818727 ULTI-MATE-834818727 Datasheet
174Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, BR09S07-26E2-18.0
5/20/15
834828242 ULTI-MATE-834828242 Datasheet
226Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, "BR" SERIES, BR15S02-24E5-18.0
9/26/19
More results


Similar Description - 8348

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8332 BELDEN-8332 Datasheet
152Kb / 2P
RS232, Low Cap, #24-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8333 BELDEN-8333 Datasheet
161Kb / 2P
RS232, Low Cap, #24-3pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8334 BELDEN-8334 Datasheet
200Kb / 2P
RS232, Low Cap, #24-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335 BELDEN-8335 Datasheet
157Kb / 2P
RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8336 BELDEN-8336 Datasheet
152Kb / 2P
RS232, Low Cap, #24-6pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8337 BELDEN-8337 Datasheet
166Kb / 2P
RS232, Low Cap, #24-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8340 BELDEN-8340 Datasheet
165Kb / 2P
RS232, Low Cap, #24-10pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8342 BELDEN-8342 Datasheet
150Kb / 2P
RS232, Low Cap, #24-12.5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8345 BELDEN-8345 Datasheet
170Kb / 2P
RS232, Low Cap, #24-15pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8355 BELDEN-8355 Datasheet
155Kb / 2P
RS232, Low Cap, #24-25pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com