Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4851 Datasheet (PDF) - Silicon Mitus, Inc.

SM4851 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4851
Download  SM4851 Download
File Size   211.27 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply

SM4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4851 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4851
Download  SM4851 Click to download

File Size   211.27 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply

SM4851 Datasheet (HTML) - Silicon Mitus, Inc.


SM4851 Product details

Features
 Programmable Positive Output: 4.0 V to 6.5 V
(0.1 V steps)
 Programmable Negative Output: -4.0 V to -6.5 V
(0.1 V steps)
 Greater than 85% Efficiency
 1.5% Output Voltage Accuracy
 Under-Voltage Lockout (UVLO) Rising/Falling
 Wide Input Voltage Range, 2.7 V to 5.5 V
 Programmable Parameters via I2C Compatible Interface
. Output Voltages on Both Positive and Negative
. Active-discharge
. 400 kHz Full-Speed I2C Interface
Applications
 LCD Tablet and Mobile Panels




Similar Part No. - SM4851

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM4850NSK SINOPWER-SM4850NSK Datasheet
273Kb / 12P
N-Channel Enhancement Mode MOSFET
SM4850NSKC-TRG SINOPWER-SM4850NSKC-TRG Datasheet
273Kb / 12P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM4851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642A TI1-TPS65642A Datasheet
3Mb / 77P
LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4402 SILICONMITUS-SM4402 Datasheet
263Kb / 1P
Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com