Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEZ6405 Datasheet (PDF) - CET-MOS Technology Corp.

CEZ6405 Datasheet PDF - CET-MOS Technology Corp.
Part # CEZ6405
Download  CEZ6405 Download
File Size   785.15 Kbytes
Page   6 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description P-Channel Enhancement Mode Field Effect Transistor

CEZ6405 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEZ6405 Datasheet PDF - CET-MOS Technology Corp.

Part # CEZ6405
Download  CEZ6405 Click to download

File Size   785.15 Kbytes
Page   6 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description P-Channel Enhancement Mode Field Effect Transistor

CEZ6405 Datasheet (HTML) - CET-MOS Technology Corp.


CEZ6405 Product details

FEATURES
-60V, -21A, RDS(ON) = 48m W @VGS = -10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
RoHS compliant.
RDS(ON) = 62mW @VGS = -4.5V.




Similar Part No. - CEZ6405

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEZ6185 CET-MOS-CEZ6185 Datasheet
969Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Nov
CEZ6R26LA CET-MOS-CEZ6R26LA Datasheet
1Mb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Jan
CEZ6R36L CET-MOS-CEZ6R36L Datasheet
641Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2018.Feb
CEZ6R40SL CET-MOS-CEZ6R40SL Datasheet
831Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2021.Oct
CEZ6R46 CET-MOS-CEZ6R46 Datasheet
789Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2011.Sep
More results


Similar Description - CEZ6405

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com