Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16QA-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS16QA-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS16QA-Q
Download  BAS16QA-Q Download
File Size   230.77 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-speed switching diode

BAS16QA-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16QA-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS16QA-Q
Download  BAS16QA-Q Click to download

File Size   230.77 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-speed switching diode

BAS16QA-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS16QA-Q Product details

1. General description
Single high-speed switching diode encapsulated in a leadless ultra small DFN1010D-3 (SOT1215)
Surface-Mounted Device (SMD) plastic package with visible and solderable side pads.

2. Features and benefits
• High switching speed: trr ≤ 4 ns
• Low leakage current: IR ≤ 0.5 μA
• Reverse voltage VR ≤ 100 V
• Low capacitance Cd ≤ 1.5 pF
• Ultra small SMD plastic package
• Low package height of 0.37 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• High-speed switching
• General-purpose switching




Similar Part No. - BAS16QA-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS16QA NEXPERIA-BAS16QA Datasheet
691Kb / 12P
Single high-speed switching diode
More results


Similar Description - BAS16QA-Q

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com