Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21J-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS21J-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS21J-Q
Download  BAS21J-Q Download
File Size   184.11 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single high-speed switching diode

BAS21J-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21J-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS21J-Q
Download  BAS21J-Q Click to download

File Size   184.11 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single high-speed switching diode

BAS21J-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS21J-Q Product details

1. General description
High-speed switching diode, encapsulated in a SOD323F (SC-90) very small and flat lead Surface-
Mounted Device (SMD) plastic package.

2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low capacitance: Cd ≤2 pF
• Low leakage current
• Reverse voltage: VR ≤ 300 V
• Repetitive peak reverse voltage: VRRM ≤ 300 V
• Very small and flat lead SMD plastic package
• Excellent coplanarity and improved thermal behavior
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• High-speed switching
• Voltage clamping
• General-purpose switching
• Reverse polarity protection




Similar Part No. - BAS21J-Q

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS21J-HF COMCHIP-BAS21J-HF Datasheet
466Kb / 4P
SMD Switching Diodes
REV:A
More results


Similar Description - BAS21J-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16J NXP-BAS16J Datasheet
191Kb / 10P
Single high-speed switching diode
Rev. 01 - 8 March 2007
BAS21J NXP-BAS21J Datasheet
59Kb / 10P
Single high-speed switching diode
Rev. 01 - 8 March 2007
PMBD914 NXP-PMBD914 Datasheet
66Kb / 10P
Single high-speed switching diode
Rev. 05-26 November 2007
PMBD914 NXP-PMBD914_09 Datasheet
73Kb / 10P
Single high-speed switching diode
Rev. 06-11 February 2009
BAS16LD NXP-BAS16LD Datasheet
270Kb / 11P
Single high-speed switching diode
Rev. 1-12 October 2010
BAS16LD PHILIPS-BAS16LD_15 Datasheet
270Kb / 11P
Single high-speed switching diode
Rev. 1-12 October 2010
PMBD914 PHILIPS-PMBD914_15 Datasheet
73Kb / 10P
Single high-speed switching diode
Rev. 06-11 February 2009
logo
Nexperia B.V. All right...
BAS16QA NEXPERIA-BAS16QA Datasheet
691Kb / 12P
Single high-speed switching diode
BAS21J NEXPERIA-BAS21J Datasheet
551Kb / 10P
Single high-speed switching diode
Rev. 01 - 8 March 2007
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
Single high-speed switching diode
Rev. 1 - 12 October 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com