Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10V0X1B2LP-7B Datasheet (PDF) - Diodes Incorporated

D10V0X1B2LP-7B Datasheet PDF - Diodes Incorporated
Part # D10V0X1B2LP-7B
Download  D10V0X1B2LP-7B Download
File Size   347.36 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES

D10V0X1B2LP-7B Datasheet (PDF)

Go To PDF Page Download Datasheet
D10V0X1B2LP-7B Datasheet PDF - Diodes Incorporated

Part # D10V0X1B2LP-7B
Download  D10V0X1B2LP-7B Click to download

File Size   347.36 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES

D10V0X1B2LP-7B Datasheet (HTML) - Diodes Incorporated


D10V0X1B2LP-7B Product details

Features
 Low Profile Package (0.53mm Max) and Ultra-Small PCB
Footprint Area (1.1mm × 0.7mm Max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±24kV, Contact ±20kV
 One Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 Cellular Handsets
 Portable Electronics
 Computers and Peripheral




Similar Part No. - D10V0X1B2LP-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D10V0X1B2LPQ DIODES-D10V0X1B2LPQ Datasheet
414Kb / 5P
10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
June 2020 Rev. 1 - 2
D10V0X1B2LPQ-7B DIODES-D10V0X1B2LPQ-7B Datasheet
414Kb / 5P
10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
June 2020 Rev. 1 - 2
More results


Similar Description - D10V0X1B2LP-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD3V3S1BL DIODES-DESD3V3S1BL Datasheet
324Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
Rev 4
DESD3V3S1BL DIODES-DESD3V3S1BL_18 Datasheet
285Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
Rev 5
D5V0FA1B2WS DIODES-D5V0FA1B2WS Datasheet
401Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
Rev. 1 - 2 September 2022
D10V0X1B2LPQ DIODES-D10V0X1B2LPQ Datasheet
414Kb / 5P
10V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
June 2020 Rev. 1 - 2
DBLC03CI DIODES-DBLC03CI Datasheet
462Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC08CI DIODES-DBLC08CI Datasheet
461Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC12CI DIODES-DBLC12CI Datasheet
455Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC18CI DIODES-DBLC18CI Datasheet
462Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC24CI DIODES-DBLC24CI Datasheet
454Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DESD3V3E1BL DIODES-DESD3V3E1BL Datasheet
292Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODES
February 2019 Rev.3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com