Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE32984D Datasheet (PDF) - Renesas Technology Corp

NE32984D Datasheet PDF - Renesas Technology Corp
Part # NE32984D
Download  NE32984D Download
File Size   207.1 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE32984D Datasheet (PDF)

Go To PDF Page Download Datasheet
NE32984D Datasheet PDF - Renesas Technology Corp

Part # NE32984D
Download  NE32984D Click to download

File Size   207.1 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE32984D Datasheet (HTML) - Renesas Technology Corp


NE32984D Product details

DESCRIPTION
The NE32984D is a Hetero Junction FET that utilizes the
hetero junction to create high mobility electrons. Its excellent
low noise and high associated gain make it suitable for DBS
and another commercial systems.
FEATURES
• Super Low Noise Figure & High Associated Gain
NF = 0.40 dB TYP., Ga = 12.5 dB TYP. at f = 12 GHz
• Gate Length : Lg d 0.20 Pm
• Gate Width : Wg = 200 Pm




Similar Part No. - NE32984D

ManufacturerPart #DatasheetDescription
logo
NEC
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D-S NEC-NE32984D-S Datasheet
51Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D-SL NEC-NE32984D-SL Datasheet
51Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D-T1 NEC-NE32984D-T1 Datasheet
51Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results


Similar Description - NE32984D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
Hetero Junction Field Effect transistor
2003
NE21283A RENESAS-NE21283A Datasheet
718Kb / 12P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com