Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8V0H1U2LP1610 Datasheet (PDF) - Diodes Incorporated

D8V0H1U2LP1610 Datasheet PDF - Diodes Incorporated
Part # D8V0H1U2LP1610
Download  D8V0H1U2LP1610 Download
File Size   322.51 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8V VOLT UNI-DIRECTIONAL HIGH SURGE TVS DIODE

D8V0H1U2LP1610 Datasheet (PDF)

Go To PDF Page Download Datasheet
D8V0H1U2LP1610 Datasheet PDF - Diodes Incorporated

Part # D8V0H1U2LP1610
Download  D8V0H1U2LP1610 Click to download

File Size   322.51 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8V VOLT UNI-DIRECTIONAL HIGH SURGE TVS DIODE

D8V0H1U2LP1610 Datasheet (HTML) - Diodes Incorporated


D8V0H1U2LP1610 Product details

Features
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 One Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Cellular Handsets
 Portable Electronics
 Computers and Peripheral




Similar Part No. - D8V0H1U2LP1610

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D8V0H1B2LP DIODES-D8V0H1B2LP Datasheet
427Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2023 Rev. 2 - 2
D8V0H1B2LP-7B DIODES-D8V0H1B2LP-7B Datasheet
427Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
February 2023 Rev. 2 - 2
More results


Similar Description - D8V0H1U2LP1610

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
logo
Central Semiconductor C...
CPZ35R-CMATVS3V3 CENTRAL-CPZ35R-CMATVS3V3 Datasheet
704Kb / 4P
Uni-Directional TVS Die 3.3 Volt
R0 28-October 2016
CPZ36R-CMATVS5V0 CENTRAL-CPZ36R-CMATVS5V0 Datasheet
704Kb / 4P
Uni-Directional TVS Die 5.0 Volt
R0 28-October 2016
logo
Diodes Incorporated
D7V9H1U2LP1610 DIODES-D7V9H1U2LP1610 Datasheet
297Kb / 4P
7.9 VOLT UNI-DIRECTIONAL HIGH SURGE TVS DIODE
April 2018 Rev. 1 - 2
D14V0H1U2LP DIODES-D14V0H1U2LP Datasheet
294Kb / 5P
14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D18V0H1U2LP DIODES-D18V0H1U2LP Datasheet
294Kb / 5P
18V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D22V0H1U2LP DIODES-D22V0H1U2LP Datasheet
199Kb / 5P
22V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H2U3SO DIODES-D24V0H2U3SO Datasheet
780Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com