Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE552R679A Datasheet (PDF) - Renesas Technology Corp

NE552R679A Datasheet PDF - Renesas Technology Corp
Part # NE552R679A
Download  NE552R679A Download
File Size   290.69 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE552R679A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE552R679A Datasheet PDF - Renesas Technology Corp

Part # NE552R679A
Download  NE552R679A Click to download

File Size   290.69 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE552R679A Datasheet (HTML) - Renesas Technology Corp


NE552R679A Product details

3.0 V OPERATION SILICON RF POWER LDMOS FET
FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS

DESCRIPTION
The NE552R679A is an N-channel silicon power laterally diffused MOS FET specially designed as the
transmission power amplifier for 3.0 V FRS (Family Radio Service). Dies are manufactured using our NEWMOS2
technology (our WSi gate laterally diffused MOS FET) and housed in a surface mount package. This device can
deliver 28.0 dBm output power with 60% power added efficiency at 460 MHz under the 3.0 V supply voltage.
FEATURES
• High output power : Pout = 28.0 dBm TYP. (VDS = 3.0 V, IDset = 300 mA, f = 460 MHz, Pin = 15 dBm)
• High power added efficiency : ηadd = 60% TYP. (VDS = 3.0 V, IDset = 300 mA, f = 460 MHz, Pin = 15 dBm)
• High linear gain : GL = 20 dB TYP. (VDS = 3.0 V, IDset = 300 mA, f = 460 MHz, Pin = 5 dBm)
• Surface mount package : 5.7 × 5.7 × 1.1 mm MAX.
• Single supply : VDS = 2.8 to 6.0 V




Similar Part No. - NE552R679A

ManufacturerPart #DatasheetDescription
logo
NEC
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
NE552R679A-T1 NEC-NE552R679A-T1 Datasheet
68Kb / 9P
3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
NE552R679A-T1A NEC-NE552R679A-T1A Datasheet
68Kb / 9P
3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
More results


Similar Description - NE552R679A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
Silicon Power MOS FET
logo
California Eastern Labs
NE5550234 CEL-NE5550234 Datasheet
2Mb / 15P
Silicon Power MOS FET
logo
Renesas Technology Corp
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
SILICON POWER MOS FET
2003
NE5500134 RENESAS-NE5500134 Datasheet
285Kb / 8P
SILICON POWER MOS FET
2007
NE5500234 RENESAS-NE5500234 Datasheet
293Kb / 9P
SILICON POWER MOS FET
2007
NE5500434 RENESAS-NE5500434 Datasheet
290Kb / 9P
SILICON POWER MOS FET
2007
NE5510279A RENESAS-NE5510279A Datasheet
288Kb / 12P
SILICON POWER MOS FET
2003
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
SILICON POWER MOS FET
2003
NE5520379A RENESAS-NE5520379A Datasheet
295Kb / 13P
SILICON POWER MOS FET
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com