Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE6500496 Datasheet (PDF) - Renesas Technology Corp

NE6500496 Datasheet PDF - Renesas Technology Corp
Part # NE6500496
Download  NE6500496 Download
File Size   196.42 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs MES FET

NE6500496 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE6500496 Datasheet PDF - Renesas Technology Corp

Part # NE6500496
Download  NE6500496 Click to download

File Size   196.42 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs MES FET

NE6500496 Datasheet (HTML) - Renesas Technology Corp


NE6500496 Product details

4 W L, S-BAND POWER GaAs FET
N-CHANNEL GaAs MES FET

DESCRIPTION
The NE6500496 is power GaAs FET which provides high
gain, high efficiency and high output power in L, S band.
To reduce thermal resistance, the device has a PHS
(Plated Heat Sink) structure.
FEATURES
• Class A operation
• High output power: 36 dBm (typ)
• High gain: 11.5 dB (typ)
• High power added efficiency: 45 % (typ)
• Hermetically sealed ceramic package




Similar Part No. - NE6500496

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
L&S BAND MEDIUM POWER GaAs MESFET
More results


Similar Description - NE6500496

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE713 RENESAS-NE713 Datasheet
243Kb / 18P
GaAs MES FET
1996
NE76038 RENESAS-NE76038 Datasheet
193Kb / 14P
GaAs MES FET
1990
NE76118 RENESAS-NE76118 Datasheet
187Kb / 10P
GaAs MES FET
1996
NE76184A RENESAS-NE76184A Datasheet
193Kb / 12P
GaAs MES FET
1991
NE85002 RENESAS-NE85002 Datasheet
207Kb / 10P
GaAs MES FET
1996
NE850R5 RENESAS-NE850R5 Datasheet
177Kb / 10P
GaAs MES FET
1996
NES2527B-30 RENESAS-NES2527B-30 Datasheet
170Kb / 6P
GaAs MES FET
1997
NEZ1011-2E RENESAS-NEZ1011-2E Datasheet
161Kb / 6P
GaAs MES FET
1996
NE8002 RENESAS-NE8002 Datasheet
445Kb / 8P
GaAs MES FET
1987
NEZ1414-8E RENESAS-NEZ1414-8E Datasheet
165Kb / 6P
GaAs MES FET
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com