Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3015 Datasheet (PDF) - Renesas Technology Corp

ZSSC3015 Datasheet PDF - Renesas Technology Corp
Part # ZSSC3015
Download  ZSSC3015 Download
File Size   672.44 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RBicdLite-AutoTM Sensor Signal Conditioner with Diagnostics

ZSSC3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3015 Datasheet PDF - Renesas Technology Corp

Part # ZSSC3015
Download  ZSSC3015 Click to download

File Size   672.44 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RBicdLite-AutoTM Sensor Signal Conditioner with Diagnostics

ZSSC3015 Datasheet (HTML) - Renesas Technology Corp


ZSSC3015 Product details

Features
•Digital compensation of sensor offset, sensitivity,temperature drift, and nonlinearity
•Programmable analog gain and digital gain;accommodates bridges with spans < 1mV/V and high offset
•Many diagnostic features on chip (e.g., EEPROMsignature, bridge connection checks, bridge shortdetection, power loss detection)
•Independently programmable high and lowclipping levels
•24-bit customer ID field for module traceability
•Internal temperature compensation reference (noexternal components)
•Option for external temperature compensationwith addition of single diode
•Output options: rail-to-rail ratiometric analogvoltage (12-bit resolution), absolute analogvoltage, ZACwire™ digital one-wire interface
•Fast power-up to data out response; outputavailable 5ms after power-up
•Current consumption depends on programmedsample rate and mode: 1mA down to 300μA (typ.)
•Fast response time: 1.4ms typical
•High voltage protection: ≤ 30V with external JFET
•AEC-Q100 qualified




Similar Part No. - ZSSC3015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3015 ETC2-ZSSC3015 Datasheet
1,002Kb / 51P
Sensor Signal Conditioner with Diagnostics
logo
Integrated Device Techn...
ZSSC3015 IDT-ZSSC3015 Datasheet
508Kb / 48P
Sensor Signal Conditioner with Diagnostics
ZSSC3015KIT IDT-ZSSC3015KIT Datasheet
508Kb / 48P
Sensor Signal Conditioner with Diagnostics
ZSSC3015NA1B IDT-ZSSC3015NA1B Datasheet
508Kb / 48P
Sensor Signal Conditioner with Diagnostics
ZSSC3015NA1C IDT-ZSSC3015NA1C Datasheet
508Kb / 48P
Sensor Signal Conditioner with Diagnostics
More results


Similar Description - ZSSC3015

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
ZMD31015 ZMD-ZMD31015_10 Datasheet
163Kb / 2P
RBicdLite Low-Cost Sensor Signal Conditioner with Diagnostics
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3008 ETC2-ZSSC3008 Datasheet
772Kb / 47P
Sensor Signal Conditioner with Diagnostics
ZSSC3015 ETC2-ZSSC3015 Datasheet
1,002Kb / 51P
Sensor Signal Conditioner with Diagnostics
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3015 IDT-ZSSC3015 Datasheet
508Kb / 48P
Sensor Signal Conditioner with Diagnostics
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com