Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4151CE1C Datasheet (PDF) - Renesas Technology Corp

ZSSC4151CE1C Datasheet PDF - Renesas Technology Corp
Part # ZSSC4151CE1C
Download  ZSSC4151CE1C Download
File Size   1244.21 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Sensor Signal Conditioner with Analog Output

ZSSC4151CE1C Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC4151CE1C Datasheet PDF - Renesas Technology Corp

Part # ZSSC4151CE1C
Download  ZSSC4151CE1C Click to download

File Size   1244.21 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Sensor Signal Conditioner with Analog Output

ZSSC4151CE1C Datasheet (HTML) - Renesas Technology Corp


ZSSC4151CE1C Product details

Features
 Differential bridge sensor input and on-chip or external
temperature sensors, selectable for conditioning of sensor
input signal
 Digital compensation for offset, gain, and higher-order
nonlinearity as well as temperature coefficients of the
measured bridge sensor input signal
 Operating temperature range: -40°C to 150°C
 Accuracy: ±1.0% FS at -40°C to 150°C
 Nonvolatile memory (NVM) for configuration, calibration data,
and configurable measurement, and conditioning functionality
 Configurable for nearly all resistive bridge sensors
 One-pass, end-of-line calibration algorithm minimizes
production costs
 No external trimming or components required
 Qualified according to the AEC-Q100 Grade 0 automotive
standard




Similar Part No. - ZSSC4151CE1C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
More results


Similar Description - ZSSC4151CE1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
RBicLiteTM Analog Output Sensor Signal Conditioner
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
Automotive Sensor Signal Conditioner with Dual Analog Output
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
Automotive Resistive Sensor Signal Conditioner with SENT Output
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com