Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZWIR4532 Datasheet (PDF) - Renesas Technology Corp

ZWIR4532 Datasheet PDF - Renesas Technology Corp
Part # ZWIR4532
Download  ZWIR4532 Download
File Size   1045.17 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 6LoWPAN Communication Module

ZWIR4532 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZWIR4532 Datasheet PDF - Renesas Technology Corp

Part # ZWIR4532
Download  ZWIR4532 Click to download

File Size   1045.17 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 6LoWPAN Communication Module

ZWIR4532 Datasheet (HTML) - Renesas Technology Corp


ZWIR4532 Product details

Features
 License-free 868/915 MHz frequency bands
 4 channels in EU frequency band (865.3 to 868.3 MHz)
 10 channels in US frequency band (906 to 924 MHz)
 BPSK or O-QPSK modulation selectable
 BPSK with 20kBps EU and 40kBps US
 ARM® Cortex™-M0+ 32-bit ultra-low-power microcontroller
 192kB flash and 20kB RAM
 6 Kbyte EEPROM
 5 UART interfaces
 1 SPI interface
 3 I2C interfaces
 10 pulse-width-modulation (PWM) outputs
 12-bit ADC with 10 input channels
 2 analog comparators
 31 general purpose I/O (GPIO) pins
 Network Stack
 UDP/IPv6 communication
 Mesh networking with hundreds of nodes
 Self-healing defective routes
 Over-the-Air update (OTAU) capable
 Network layer security
 Ultra-low power Stop Mode: < 1μA with full RAM retention
 Supply voltage: 1.8V to 3.3V
 -40°C to +85°C ambient operating temperature
 15.6 × 12 mm 43-LGA package




Similar Part No. - ZWIR4532

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZWIR4532 IDT-ZWIR4532 Datasheet
452Kb / 17P
Low Power 6LoWPAN Communication Module
ZWIR4532-S001 IDT-ZWIR4532-S001 Datasheet
452Kb / 17P
Low Power 6LoWPAN Communication Module
ZWIR4532-U IDT-ZWIR4532-U Datasheet
452Kb / 17P
Low Power 6LoWPAN Communication Module
More results


Similar Description - ZWIR4532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1645-30 STMICROELECTRONICS-STM1645-30 Datasheet
43Kb / 6P
RF POWER MODULE SATELLITE COMMUNICATION APPLICATIONS
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
Communication Processor Module
logo
Texas Instruments
CC1180 TI1-CC1180 Datasheet
791Kb / 17P
Sub-1GHz 6LoWPAN Network Processor
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
6LoWPAN, ZigBee Wireless MCU
logo
STMicroelectronics
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
Power line communication module for street lighting
September 2016 Rev 4
STEVAL-IPP003V1 STMICROELECTRONICS-STEVAL-IPP003V1 Datasheet
368Kb / 7P
General purpose xPSK power line communication module
13-Dec-2013
logo
Integrated Device Techn...
ZWIR4532 IDT-ZWIR4532 Datasheet
452Kb / 17P
Low Power 6LoWPAN Communication Module
logo
WAGO Kontakttechnik Gmb...
2789-9015 WAGO-2789-9015 Datasheet
130Kb / 5P
Communication module; Modbus RTU; RJ45; communication capability
18.10.2021
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
Communication module; IO-Link; communication capability
18.10.2021
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
Profinet communication module
Sep 18, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com