Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX0506B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TX0506B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TX0506B
Download  TX0506B Download
File Size   218.74 Kbytes
Page   9 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description TCXO SMD 3.2x2.5 16.368MHz

TX0506B Datasheet (PDF)

Go To PDF Page Download Datasheet
TX0506B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0506B
Download  TX0506B Click to download

File Size   218.74 Kbytes
Page   9 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description TCXO SMD 3.2x2.5 16.368MHz

TX0506B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TX0506B Product details

Features:
Ultra Miniature SMD Package
Good Frequency Stability
Moisture Sensitivity Level (MSL) : Level-1

Description and Applications:
Surface mount 3.2mmx2.5mm TCXO for use in wireless communications devices




Similar Part No. - TX0506B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0523DA11BH TAI-SAW-TX0523DA11BH Datasheet
449Kb / 9P
VCTCXO SMD 2.5x2.0 10.0MHz
REV. NO.: 1
TX0530AA13BH TAI-SAW-TX0530AA13BH Datasheet
189Kb / 9P
VCTCXO SMD 3.2x2.5 24.576MHz
REV. NO.: 1.0
TX0534C TAI-SAW-TX0534C Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TX0537A TAI-SAW-TX0537A Datasheet
136Kb / 8P
VCTCXO 3.2x2.5mm 40.00MHz
REV. NO.: 1
TX0544B TAI-SAW-TX0544B Datasheet
374Kb / 9P
TCXO SMD 2.0x1.6 38.4MHz
REV. NO.: 6
More results


Similar Description - TX0506B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0187A TAI-SAW-TX0187A Datasheet
225Kb / 7P
SMD 3.2x2.5 19.200MHz TCXO
TX0275A TAI-SAW-TX0275A Datasheet
213Kb / 6P
SMD 3.2x2.5 16.368MHz TCXO
TX0279A TAI-SAW-TX0279A Datasheet
213Kb / 6P
SMD 3.2x2.5 16.367667MHz TCXO
TX0280A TAI-SAW-TX0280A Datasheet
213Kb / 6P
SMD 3.2x2.5 16.369MHz TCXO
TX0382A TAI-SAW-TX0382A Datasheet
338Kb / 7P
TCXO SMD 3.2x2.5 13.000MHz
TX0322A TAI-SAW-TX0322A Datasheet
130Kb / 7P
TCXO SMD 3.2x2.5 26MHz
REV. NO.: 2.0
TX0397A TAI-SAW-TX0397A Datasheet
340Kb / 7P
TCXO SMD 3.2x2.5 16.369000MHz
REV. NO.: 1
TX0545A TAI-SAW-TX0545A Datasheet
157Kb / 7P
TCXO SMD 3.2x2.5 32.000MHz
REV. NO.: 1
TX0554A TAI-SAW-TX0554A Datasheet
238Kb / 7P
TCXO SMD 3.2x2.5 26.000MHz
REV. NO.: 1
TZ1049A TAI-SAW-TZ1049A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 16.368MHz
REV. NO.: 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com