Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16100 Datasheet (PDF) - Analog Devices

ADIS16100 Datasheet PDF - Analog Devices
Part # ADIS16100
Download  ADIS16100 Download
File Size   421.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -300째/sec Yaw Rate Gyro with SPI Interface

ADIS16100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16100 Datasheet PDF - Analog Devices

Part # ADIS16100
Download  ADIS16100 Click to download

File Size   421.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -300째/sec Yaw Rate Gyro with SPI Interface

ADIS16100 Datasheet (HTML) - Analog Devices


ADIS16100 Product details

GENERAL DESCRIPTION
The ADIS16100 is a gyroscope that uses the Analog Devices, Inc., surface-micromachining process to make a functionally complete angular rate sensor with an integrated serial peripheral interface (SPI).

FEATURES
   Complete angular rate gyroscope
   Z-axis (yaw rate) response
   SPI digital output interface
   High vibration rejection over wide frequency
   2000 g-powered shock survivability
   Externally controlled self-test
   Internal temperature sensor output
   Dual auxiliary 12-bit ADC inputs
   Absolute rate output for precision applications
   5 V single-supply operation
   8.2 mm × 8.2 mm × 5.2 mm package

APPLICATIONS
   Platform stabilization
   Image stabilization
   Guidance and controls
   Inertia measurement units
   Robotics




Similar Part No. - ADIS16100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100 AD-ADIS16100 Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16100 AD-ADIS16100 Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16100PCB AD-ADIS16100PCB Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16100PCB AD-ADIS16100PCB Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
Yaw Rate Gyroscope with SPI
REV. D
More results


Similar Description - ADIS16100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
짹80째/sec Yaw Rate Gyro with SPI Interface
7/06-Revision 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
짹50째/s Yaw Rate Gyro
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. B
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
300/sec Yaw Rate Gyro
REV. A
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
50/s Yaw Rate Gyro
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com