Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7188 Datasheet (PDF) - Analog Devices

ADV7188 Datasheet PDF - Analog Devices
Part # ADV7188
Download  ADV7188 Download
File Size   955.13 Kbytes
Page   112 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SDTV Video Decoder with Fast Switch Overlay Support

ADV7188 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7188 Datasheet PDF - Analog Devices

Part # ADV7188
Download  ADV7188 Click to download

File Size   955.13 Kbytes
Page   112 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SDTV Video Decoder with Fast Switch Overlay Support

ADV7188 Datasheet (HTML) - Analog Devices


ADV7188 Product details

GENERAL DESCRIPTION

The ADV7188 integrated video decoder automatically detects and converts standard analog baseband television signals compatible with worldwide NTSC, PAL, and SECAM standards into 4:2:2 component video data compatible with 20-/16-/10-/8-bit CCIR 601/CCIR 656.



FEATURES

Multiformat video decoder supports NTSC (J/M/4.43), PAL (B/D/G/H/I/M/N), SECAM

Integrates four 54 MHz, Noise Shaped Video (NSV®), 12-bit ADCs

SCART fast blank support

Clocked from a single 28.63636 MHz crystal

Line-locked clock-compatible (LLC)

Adaptive Digital Line Length Tracking (ADLLT™), signal processing, and enhanced FIFO management give mini-TBC functionality

5-line adaptive comb filters

Proprietary architecture for locking to weak, noisy, and unstable video sources such as VCRs and tuners

Subcarrier frequency lock and status information output

Integrated automatic gain control (AGC) with adaptive peak white mode

Macrovision® copy protection detection

Chroma transient improvement (CTI)

Digital noise reduction (DNR)

Multiple programmable analog input formats

   CVBS (composite video)

   Y/C (S-video)

   YPrPb (component) (VESA, MII, SMPTE, and BETACAM)

12 analog video input channels

Integrated antialiasing filters

Programmable interrupt request output pin

Automatic NTSC/PAL/SECAM identification

Digital output formats (8-bit, 10-bit, 16-bit, or 20-bit) ITU-R BT.656 YCrCb 4:2:2 output + HS, VS, and FIELD

0.5 V to 1.6 V analog signal input range

Differential gain: 0.4% typical

Differential phase: 0.4° typical

Programmable video controls Peak white/hue/brightness/saturation/contrast

Integrated on-chip video timing generator

Free-run mode (generates stable video output with no input)

VBI decode support for close captioning (including Gemstar® 1×/2× (XDS)), WSS, CGMS, teletext, VITC, VPS

Power-down mode

2-wire serial MPU interface (I2C® compatible)

3.3 V analog, 1.8 V digital core, 3.3 V input/output supply

Industrial temperature grade: −40°C to +85°C

80-lead, Pb-free LQFP



APPLICATIONS

High end DVD recorders

Video projectors

HDD-based PVRs/DVDRs

LCD TVs

Set-top boxes

Professional video products

AVR receiver




Similar Part No. - ADV7188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results


Similar Description - ADV7188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
Multiformat SDTV Video Decoder with Fast Switch Overlay Support
7/05-Revision 0
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
Multiformat SDTV Video Decoder
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com