Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD358 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD358 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD358
Download  YD358 Download
File Size   84.48 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL OPERATIONNAL AMPLIFIER

YD358 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD358 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD358
Download  YD358 Click to download

File Size   84.48 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description DUAL OPERATIONNAL AMPLIFIER

YD358 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD358 Product details

DESCRIPTION

The YD358 consists of dual independent, high Gain internally frequency compensated operational amplifiers which were designed specifically to operation from a single power supply over a wide voltage range.



FEATURES

* Internally frequency compensated for unity gain;

* Large DC voltage gain: 100dB;

* Wide operating supply range (Vcc=3V~32V);

* Input common-mode voltage includes ground;

* Large output voltage swing: from 0V to Vcc-1.5V;

* Power drain suitable for battery operation.



 




Similar Part No. - YD358

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YD352EW050R ETC1-YD352EW050R Datasheet
743Kb / 6P
PULSE CAPACITORS FOR FLASH LAMP APPLICATIONS
YD352EW120R ETC1-YD352EW120R Datasheet
743Kb / 6P
PULSE CAPACITORS FOR FLASH LAMP APPLICATIONS
More results


Similar Description - YD358

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1458 FAIRCHILD-KA1458 Datasheet
69Kb / 10P
Dual Operational Amplifier
logo
Wuxi Youda electronics ...
YD3414 YOUDA-YD3414 Datasheet
152Kb / 3P
DUAL HIGH CURRENT OPERATIONNAL AMPLIFIER
YD4558 YOUDA-YD4558 Datasheet
80Kb / 3P
DUAL OPERATIONAL AMPLIFIER
YD4560 YOUDA-YD4560 Datasheet
83Kb / 3P
DUAL OPERATIONNAL AMPLIFIER
logo
Unisonic Technologies
A6225 UTC-A6225 Datasheet
116Kb / 5P
DUAL PRE-AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
logo
Unisonic Technologies
UM602A UTC-UM602A Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com