Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet (PDF) - NXP Semiconductors

BCP53 Datasheet PDF - NXP Semiconductors
Part # BCP53
Download  BCP53 Download
File Size   44.95 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP medium power transistors

BCP53 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP53 Datasheet PDF - NXP Semiconductors

Part # BCP53
Download  BCP53 Click to download

File Size   44.95 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP medium power transistors

BCP53 Datasheet (HTML) - NXP Semiconductors


BCP53 Product details

DESCRIPTION
PNP medium power transistor in a SOT223 plastic package. NPN complements: BCP54, BCP55 and BCP56.

FEATURES
• High current (max. 1 A)
• Low voltage (max. 80 V)
• Medium power (max. 1.3 W).

APPLICATIONS
• Audio, telephony and automotive applications
• Thick and thin-film circuits.




Similar Part No. - BCP53

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Zetex Semiconductors
BCP53 ZETEX-BCP53 Datasheet
42Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP53 SIEMENS-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP53 FAIRCHILD-BCP53 Datasheet
191Kb / 6P
PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCP53 INFINEON-BCP53 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
More results


Similar Description - BCP53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC160 PHILIPS-BC160 Datasheet
50Kb / 8P
PNP medium power transistors
1997 May 12
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
Apr-2002
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
Medium Power PNP Transistors
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
MEDIUM POWER PNP TRANSISTORS
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com