Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE6510179A Datasheet (PDF) - Renesas Technology Corp

NE6510179A Datasheet PDF - Renesas Technology Corp
Part # NE6510179A
Download  NE6510179A Download
File Size   207.76 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs HJ-FET

NE6510179A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE6510179A Datasheet PDF - Renesas Technology Corp

Part # NE6510179A
Download  NE6510179A Click to download

File Size   207.76 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs HJ-FET

NE6510179A Datasheet (HTML) - Renesas Technology Corp


NE6510179A Product details

1 W L-BAND POWER GaAs HJ-FET

DESCRIPTION
The NE6510179A is a 1 W GaAs HJ-FET designed for middle power transmitter applications for mobile
communication and wireless PC LAN systems. It is capable of delivering 1 W of output power (CW) with high linear
gain, high efficiency and excellent distortion.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.
FEATURES
• GaAs HJ-FET structure
• High output power : Pout = +31.5 dBm TYP. @VDS = 3.5 V, IDset = 200 mA, f = 900 MHz, Pin = +20 dBm
Pout = +32.5 dBm TYP. @VDS = 3.5 V, IDset = 200 mA, f = 1 900 MHz, Pin = +25 dBm
Pout = +35.0 dBm TYP. @VDS = 5.0 V, IDset = 200 mA, f = 1 900 MHz, Pin = +25 dBm
• High linear gain : GL = 15 dB TYP. @VDS = 3.5 V, IDset = 200 mA, f = 900 MHz, Pin = 0 dBm
GL = 10 dB TYP. @VDS = 3.5 V, IDset = 200 mA, f = 1 900 MHz, Pin = 0 dBm
GL = 10 dB TYP. @VDS = 5.0 V, IDset = 200 mA, f = 1 900 MHz, Pin = 0 dBm
• High power added efficiency : 70% TYP. @VDS = 3.5 V, IDset = 200 mA, f = 900 MHz, Pin = +20 dBm
58% TYP. @VDS = 3.5 V, IDset = 200 mA, f = 1 900 MHz, Pin = +25 dBm
56% TYP. @VDS = 5.0 V, IDset = 200 mA, f = 1 900 MHz, Pin = +25 dBm




Similar Part No. - NE6510179A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
11/04/2002
NE6510179A-A CEL-NE6510179A-A Datasheet
285Kb / 10P
NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
11/04/2002
NE6510179A-T1 CEL-NE6510179A-T1 Datasheet
285Kb / 10P
NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
11/04/2002
NE6510179A-T1-A CEL-NE6510179A-T1-A Datasheet
285Kb / 10P
NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
11/04/2002
More results


Similar Description - NE6510179A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE651R479A CEL-NE651R479A Datasheet
501Kb / 11P
MEDIUM POWER GaAs HJ-FET
logo
Renesas Technology Corp
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
California Eastern Labs
NE3517S03 CEL-NE3517S03 Datasheet
310Kb / 8P
K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
Renesas Technology Corp
NE3521M04 RENESAS-NE3521M04_15 Datasheet
414Kb / 10P
N-Channel GaAs HJ-FET, K Band Low Noise and High-Gain
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE651R479A RENESAS-NE651R479A Datasheet
199Kb / 11P
N-CHANNEL GaAs HJ-FET
2001
NE6510379A RENESAS-NE6510379A Datasheet
231Kb / 10P
N-CHANNEL GaAs HJ-FET
2001
UPG2253T6S RENESAS-UPG2253T6S Datasheet
258Kb / 14P
GaAs HJ-FET INTEGRATED CIRCUIT
2009
UPG2255T6N RENESAS-UPG2255T6N Datasheet
255Kb / 13P
GaAs HJ-FET INTEGRATED CIRCUIT
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com