Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL1000 Datasheet (PDF) - Renesas Technology Corp

NL1000 Datasheet PDF - Renesas Technology Corp
Part # NL1000
Download  NL1000 Download
File Size   195.76 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TRANSCEIVER MODULE

NL1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
NL1000 Datasheet PDF - Renesas Technology Corp

Part # NL1000
Download  NL1000 Click to download

File Size   195.76 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TRANSCEIVER MODULE

NL1000 Datasheet (HTML) - Renesas Technology Corp


NL1000 Product details

3.0 V, SMALL PACKAGE IrDA COMPLIANT TRANSCEIVER MODULE
DATA RATE: 2.4 k to 115.2 kbps

FEATURES
• Conform to IrDA Ver.1.0 standards
• Data rate 2.4 k to 115.2 kbps
• Supply voltage 2.7 to 3.6 V
• Data link distance to 1 m
• Ultra small size 3.85 ´ 9.8 ´ 4.0 (mm) (with shield case)
• Circuit current (stand by) 130 mA
• Circuit current (shut down) 1 nA




Similar Part No. - NL1000

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
NL100 CAMPBELL-NL100 Datasheet
403Kb / 2P
Network Link Interface
12/17/2019
More results


Similar Description - NL1000

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
IR Transceiver Module
logo
STMicroelectronics
STW3100 STMICROELECTRONICS-STW3100 Datasheet
456Kb / 7P
TRANSCEIVER MODULE
logo
KODENSHI_AUK CORP.
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
IR Transceiver Module
KOI-6001CN KODENSHI-KOI-6001CN Datasheet
159Kb / 3P
IR Transceiver Module
logo
List of Unclassifed Man...
TRM-900-NT ETC1-TRM-900-NT Datasheet
2Mb / 23P
Transceiver Module
logo
EnOcean GmbH.
TCM410J ENOCEAN-TCM410J Datasheet
328Kb / 1P
Transceiver Module
November 2017
logo
Renesas Technology Corp
NL1020 RENESAS-NL1020 Datasheet
185Kb / 10P
TRANSCEIVER MODULE
1999
NL1100 RENESAS-NL1100 Datasheet
204Kb / 10P
TRANSCEIVER MODULE
1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com