Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5616 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5616 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5616
Download  GRF5616 Download
File Size   4885.2 Kbytes
Page   18 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 4-WATT LINEAR AMPLIFIER 1625 to 1675 MHz

GRF5616 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5616 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5616
Download  GRF5616 Click to download

File Size   4885.2 Kbytes
Page   18 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 4-WATT LINEAR AMPLIFIER 1625 to 1675 MHz

GRF5616 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5616 Product details

FEATURES
Excellent OP1dB, IP3 and Efficiency Performance
+30.5 dBm Linear Output Power at 85 °C
+35.4 dBm OP1dB maintained at 85 °C
Flexible Biasing
275 mA Quiescent Current
Flexible Biasing
Digital Shutdown
Rugged Design is Resilient to Mismatched Loads
-40 to 85 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference at 25 °C: 5 V / 1650 MHz / 275 mA ICCQ
Gain: 23.5 dB
OIP3: 46.8 dBm @ 25 dBm POUT/tone
OP1dB: 36 dBm
Evaluation Board Noise Figure: 3.7 dB
APPLICATIONS
L-Band Satellite Communications




Similar Part No. - GRF5616

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5610 GUERRILLA-GRF5610 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 865 to 928 MHz
December 7, 2022
GRF5611 GUERRILLA-GRF5611 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 902 to 960 MHz
January 10, 2023
More results


Similar Description - GRF5616

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
800-960 MHz(4 Watt Ultra Linear Power Amplifier)
logo
Stealth Microwave, Inc.
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
500-2000 MHz 4 Watt Linear Power Amplifier
SM0825-36 STEALTH_MICROWAVE-SM0825-36 Datasheet
89Kb / 3P
800-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
1000-2500 MHz 4 Watt Linear Power Amplifier
SM04060-37HS STEALTH_MICROWAVE-SM04060-37HS Datasheet
93Kb / 3P
400-600 MHz 4 Watt Linear Power Amplifier
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
400-800 MHz 4 Watt Linear Power Amplifier
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
400-925 MHz 4 Watt Linear Power Amplifier
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
450-2200 MHz 4 Watt Linear Power Amplifier
SM06927-36H STEALTH_MICROWAVE-SM06927-36H Datasheet
90Kb / 3P
690-2700 MHz 4 Watt Linear Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com