Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF6402 Datasheet (PDF) - Guerrilla RF, Inc.

GRF6402 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF6402
Download  GRF6402 Download
File Size   1200.28 Kbytes
Page   24 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz

GRF6402 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF6402 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF6402
Download  GRF6402 Click to download

File Size   1200.28 Kbytes
Page   24 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz

GRF6402 Datasheet (HTML) - Guerrilla RF, Inc.


GRF6402 Product details

FEATURES
31.75 dB range
0.25 dB steps via 7-bit Control
Serial Interface with Support for 8 Addresses
Programmable Rapid Fire Attenuation Setting Which
Circumvents Delays Associated with SPI Programming
Defaults to Full Attenuation for Power-On Resets
Glitchless Stepping (< 2 dB Over/Undershoot)
210 ns settling time for 0.25 dB steps
Bi-directional RF Use
3.3 V and 5 V Supply Voltages
50 Ω Single-ended Input and Output Impedances
-40 to 115 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference: 5 V / 2 GHz
IL: 1.4 dB
IP0.1dB: 30.5 dBm
IIP3: 55 dBm
INL Attenuation Error: ± (0.01 + 2.5%) dB
DNL Attenuation Error: ± 0.1 dB
APPLICATIONS
5G Wireless Infrastructure
Cellular Repeaters/Boosters & DAS Systems
Automotive Cellular and V2X Compensators
Millimeter Wave IF Stages
High-Performance Gain Trim & AGC Loops




Similar Part No. - GRF6402

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
More results


Similar Description - GRF6402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
0.7 GHz to 6 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
Guerrilla RF, Inc.
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
GRF6403 GUERRILLA-GRF6403 Datasheet
6Mb / 50P
31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz
November 7, 2022
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com