Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7675 Datasheet (PDF) - Analog Devices

AD7675 Datasheet PDF - Analog Devices
Part # AD7675
Download  AD7675 Download
File Size   818.04 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC

AD7675 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7675 Datasheet PDF - Analog Devices

Part # AD7675
Download  AD7675 Click to download

File Size   818.04 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC

AD7675 Datasheet (HTML) - Analog Devices


AD7675 Product details

GENERAL DESCRIPTION

The AD7612 is a 16-bit charge redistribution successive approximation register (SAR), architecture analog-to-digital converter (ADC) fabricated on Analog Devices, Inc.’s iCMOS high voltage process. The device is configured through hardware or via a dedicated write only serial configuration port for input range and operating mode. The AD7612 contains a high speed 16-bit sampling ADC, an internal conversion clock, an internal reference (and buffer), error correction circuits, and both serial and parallel system interface ports.



FEATURES

Multiple pins/software programmable input ranges: 5 V, 10 V, ±5 V, ±10 V

Pins or serial SPI®-compatible input ranges/mode selection

Throughput

  750 kSPS (warp mode)

  600 kSPS (normal mode)

  500 kSPS (impulse mode)

INL: ±0.75 LSB typical, ±1.5 LSB maximum (±23 ppm of FSR)

16-bit resolution with no missing codes

SNR: 92 minimum (5 V) @ 2 kHz, 94 dB typical (±10 V) @ 2 kHz

THD: −107 dB typical

iCMOS™ process technology

5 V internal reference: typical drift 3 ppm/°C; TEMP output

No pipeline delay (SAR architecture)

Parallel (16- or 8-bit bus) and serial 5 V/3.3 V interface

SPI-/QSPI™-/MICROWIRE™-/DSP-compatible

Power dissipation: 190 mW @ 750 kSPS

Pb-free, 48-lead LQFP and LFCSP (7 mm × 7 mm) packages



APPLICATIONS

Process control

Medical instruments

High speed data acquisition

Digital signal processing

Instrumentation

Spectrum analysis

ATE




Similar Part No. - AD7675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7675 AD-AD7675 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7675 AD-AD7675 Datasheet
399Kb / 20P
16-Bit, 100 kSPS, Differential ADC
REV.0
AD7675 AD-AD7675 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7675 AD-AD7675 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7675 AD-AD7675 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612_15 Datasheet
525Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7951 AD-AD7951 Datasheet
761Kb / 33P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com