Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D14V0H1U2LP-7B Datasheet (PDF) - Diodes Incorporated

D14V0H1U2LP-7B Datasheet PDF - Diodes Incorporated
Part # D14V0H1U2LP-7B
Download  D14V0H1U2LP-7B Download
File Size   294.85 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 14V UNI-DIRECTIONAL TVS DIODE

D14V0H1U2LP-7B Datasheet (PDF)

Go To PDF Page Download Datasheet
D14V0H1U2LP-7B Datasheet PDF - Diodes Incorporated

Part # D14V0H1U2LP-7B
Download  D14V0H1U2LP-7B Click to download

File Size   294.85 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 14V UNI-DIRECTIONAL TVS DIODE

D14V0H1U2LP-7B Datasheet (HTML) - Diodes Incorporated


D14V0H1U2LP-7B Product details

Features
 Low Profile Package (0.53mm Max) and Ultra-Small PCB
Footprint Area (1.08mm * 0.68mm Max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 1 Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - D14V0H1U2LP-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D14V0H1U2LP1610 DIODES-D14V0H1U2LP1610 Datasheet
304Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D14V0H1U2LP1610-7 DIODES-D14V0H1U2LP1610-7 Datasheet
304Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
More results


Similar Description - D14V0H1U2LP-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D26V0H1U2LP20 DIODES-D26V0H1U2LP20 Datasheet
285Kb / 4P
26V UNI-DIRECTIONAL TVS DIODE
Rev 2
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
logo
Diodes Incorporated
D18V0H1U2LP DIODES-D18V0H1U2LP Datasheet
294Kb / 5P
18V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D22V0H1U2LP DIODES-D22V0H1U2LP Datasheet
199Kb / 5P
22V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H2U3SO DIODES-D24V0H2U3SO Datasheet
780Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D34V0H1U2LP DIODES-D34V0H1U2LP Datasheet
291Kb / 5P
34V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com