Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D20V0L1B2LP3 Datasheet (PDF) - Diodes Incorporated

D20V0L1B2LP3 Datasheet PDF - Diodes Incorporated
Part # D20V0L1B2LP3
Download  D20V0L1B2LP3 Download
File Size   453.99 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V BIDIRECTIONAL TVS DIODE

D20V0L1B2LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
D20V0L1B2LP3 Datasheet PDF - Diodes Incorporated

Part # D20V0L1B2LP3
Download  D20V0L1B2LP3 Click to download

File Size   453.99 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V BIDIRECTIONAL TVS DIODE

D20V0L1B2LP3 Datasheet (HTML) - Diodes Incorporated


D20V0L1B2LP3 Product details

Features
• Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±25kV, Contact ±20kV
• One Channel of ESD Protection
• Low Channel Input Capacitance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control (i.e.: parts qualified to AEC-Q100/101/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please refer to the related automotive grade (Q-suffix) part. A listing can be found at https://www.diodes.com/products/automotive/automotive-products/.
• This part is qualified to JEDEC standards (as references in AEC-Q) for High Reliability.

Applications
• Cellular Handsets
• Portable Electronics
• Computers and Peripherals




Similar Part No. - D20V0L1B2LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D20V0L1B2LP DIODES-D20V0L1B2LP Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
D20V0L1B2LP-7B DIODES-D20V0L1B2LP-7B Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
More results


Similar Description - D20V0L1B2LP3

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
SD18CW LEIDITECH-SD18CW Datasheet
333Kb / 3P
BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D20V0L1B2LP DIODES-D20V0L1B2LP Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com