Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10P277AE-TL Datasheet (PDF) - ABLE Power Products

SD10P277AE-TL Datasheet PDF - ABLE Power Products
Part # SD10P277AE-TL
Download  SD10P277AE-TL Download
File Size   937.65 Kbytes
Page   1 Pages
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products
Description FAST PLUG-IN SURGE PROTECTION WITH EXTERNAL GROUND-RETROFIT SERIES

SD10P277AE-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
SD10P277AE-TL Datasheet PDF - ABLE Power Products

Part # SD10P277AE-TL
Download  SD10P277AE-TL Click to download

File Size   937.65 Kbytes
Page   1 Pages
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products
Description FAST PLUG-IN SURGE PROTECTION WITH EXTERNAL GROUND-RETROFIT SERIES

SD10P277AE-TL Datasheet (HTML) - ABLE Power Products


SD10P277AE-TL Product details

Position & Applications
• Street and area lighting • Roadway and freeway lighting
• Parking lots, parks and walkways
• Bus and train depots
The Fast Plug-In surge protection module was designed for retrofit
applications. It removes the surge protector from inside the fixture and
positions it between the receptacle and the photocell making it replaceable
and much easier to service. The 24” external ground wire attaches to the
fixture, arm or pole and provides a ground path to shunt destructive surges
and transients away from the fixture’s sensitive electrical components. Ideal
for DOT’s, Utilities, and Municipalities.
Surge Protection Specifications
& Features
• Complies with UL 1449, ANSI C136.2-2015, ANSI C136.41,
ANSI C136.10, UL 773
• All-mode protection (L-N, L-G, N-G)
• Unique grounding design
• 5kA or 10kA nominal discharge current
• 10kA, 15kA or 25kA maximum discharge current
• 10kV or 20kV open circuit voltage
• Series and Parallel connections available
• Diagnostic Light
• Optional GDT/MOV hybrid circuit
• 347V and 480V versions available




Similar Part No. - SD10P277AE-TL

ManufacturerPart #DatasheetDescription
logo
ABLE Power Products
SD10P277AR-4TL ABLEPOWERPRODUCTS-SD10P277AR-4TL Datasheet
989Kb / 1P
3-Pin/7-Pin Surge Protected Receptacle for
Revised 7/6/2020
SD10P277AR-TL ABLEPOWERPRODUCTS-SD10P277AR-TL Datasheet
989Kb / 1P
3-Pin/7-Pin Surge Protected Receptacle for
Revised 7/6/2020
SD10P277AS-TC ABLEPOWERPRODUCTS-SD10P277AS-TC Datasheet
792Kb / 1P
Shorting Cap Surge Protector With External Ground Wire
Revised 7/6/2020
More results


Similar Description - SD10P277AE-TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRAVELER ETC2-TRAVELER Datasheet
484Kb / 4P
2 AC outlets, direct plug-in surge suppressor with modem/fax surge protection
logo
Tripp Lite. All Rights ...
AVS5D TRIPPLITE-AVS5D Datasheet
521Kb / 3P
230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
logo
STMicroelectronics
IPS161H STMICROELECTRONICS-IPS161H Datasheet
793Kb / 25P
Ground disconnection protection
04-Oct-2016
logo
PHOENIX CONTACT
2838283 PHOENIX-2838283 Datasheet
149Kb / 9P
Surge protection plug - PT 2X2-24AC-ST
09/12/2020
2838306 PHOENIX-2838306 Datasheet
138Kb / 9P
Surge protection plug - PT 4X1- 5DC-ST
09/12/2020
2838322 PHOENIX-2838322 Datasheet
141Kb / 9P
Surge protection plug - PT 4X1-24DC-ST
09/12/2020
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
ABLE Power Products
SD10P277AS-TC ABLEPOWERPRODUCTS-SD10P277AS-TC Datasheet
792Kb / 1P
Shorting Cap Surge Protector With External Ground Wire
Revised 7/6/2020
SPC277C1-W10SAL ABLEPOWERPRODUCTS-SPC277C1-W10SAL Datasheet
710Kb / 1P
Photocontrol Surge Protector with External Ground Wire
Revised 7/6/2020
logo
Eaton All Rights Reserv...
SG13309 EATON-SG13309 Datasheet
1Mb / 36P
Surge Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com