Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21AVD Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS21AVD Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS21AVD
Download  BAS21AVD Download
File Size   666.24 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-voltage switching diodes

BAS21AVD Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21AVD Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS21AVD
Download  BAS21AVD Click to download

File Size   666.24 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-voltage switching diodes

BAS21AVD Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS21AVD Product details

1. General description
Triple high-voltage switching diodes, encapsulated in a SOT457 (SC-74/TSOP6) small
Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Reverse voltage: VR ≤ 200 V
• Repetitive peak reverse voltage: VRRM ≤ 250 V
• Small SMD plastic package
• Low capacitance: Cd ≤ 5 pF
• AEC-Q101 qualified
• Repetitive peak forward current: IFRM ≤ 1 A

3. Applications
• High-voltage switching in surface-mounted circuits
• Automotive
• Communication




Similar Part No. - BAS21AVD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21AVD PHILIPS-BAS21AVD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
More results


Similar Description - BAS21AVD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
HIGH VOLTAGE SWITCHING DIODES
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com